Electronic Components Datasheet Search
  English  ▼

X  

CML327CTP Datasheet(PDF) 1 Page - Visual Communications Company

Part # CML327CTP
Description  5MM ROUND PLAIN END LENS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

CML327CTP Datasheet(HTML) 1 Page - Visual Communications Company

  CML327CTP Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PHONE: (760) 560-1300, FAX: (760) 560-1301 EMAIL: vccsales@vcclite.com
190 BOSSTICK BLVD. SUITE 101 SAN MARCOS, CA 92069 U.S.A
OPTOELECTRONICS
LED
DISPAY PANEL
ASSEMBLY
LENS
PCB
RNG 268
RETAINER
MODEL
ORDERING CODE :
CML 327 XXX
RNG 268
.460
11.68mm
1.78mm
.070
.280
7.11mm
7.62mm
.300
.125
3.18mm
ASSEMBLY: Insert lens through panel hole, slide RNG 268 retainer on back of lens. PCB
REVISED PER ECR111009AZ01
chamfered.
POLYCARBONATE,
UL 94-V2
(ORDER SEPARATELY)
RETAINER
2.
Panel thickness .031 [0.8mm] to .250 [6.35mm]. Panel hole should be deburred, but not
SMU
U.S. & Foreign Pat. Issued & Pend.
mounted LEDs slide into lens when the panel cover is closed or the PCB card is inserted into
4.
4-23-10
3.
MATERIAL: Polycarbonate, UL 94-V2
the case.
NOTES:
MOUNTING: Mounts in a
.281 .002 [
7.13mm .05] panel hole on .375 [9.5mm] centers.
1.
REVISIONS
ECN#
REV.
DESCRIPTION
DATE
INITIALS
001
LENS COLOR
CTP
CLEAR TRANSPARENT
EDGES .030 MAX
FINISH
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
3
2
INCHES
.508
.254
.127
1
PROHIBITED.
DRAWN
CHECKED
TITLE:
B
ANGLE
REV
DWG. NO.
SHEET 1 OF 1
DO NOT SCALE DRAWING
SIZE
MATERIAL
PROPRIETARY AND CONFIDENTIAL
THIRD ANGLE PROJECTION
DATE
SCALE: 1:1
5MM ROUND PLAIN END LENS
APPROVAL
001
CML 327 XXX
4-23-10
SMU
DZ
4-23-10
VISUAL COMMUNICATIONS COMPANY, INC IS
MM
SEE NOTES
BREAK ALL CORNERS AND SHARP
1'
.X
WITHOUT THE WRITTEN PERMISSION OF
.XX
.XXX
.010
.020
.005
THE INFORMATION CONTAINED IN THIS
DRAWING IS THE SOLE PROPERTY OF
VISUAL COMMUNICATIONS COMPANY, INC. ANY
REPRODUCTION IN PART OR AS A WHOLE
DIMENSION STYLE: INCHES / MM
GENERAL TOLERANCES UNLESS
OTHERWISE SPECIFIED


Similar Part No. - CML327CTP

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CML327CTP VCC-CML327CTP Datasheet
76Kb / 1P
5MM ROUND PLAIN END LENS
More results

Similar Description - CML327CTP

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CLR301RTP VCC-CLR301RTP Datasheet
78Kb / 1P
5MM ROUND LOW PROFILE PLAIN LENS
CMC313RTP VCC-CMC313RTP Datasheet
75Kb / 1P
5MM ROUND PLAIN DIFFUSED LENS
CMC323CTP VCC-CMC323CTP Datasheet
75Kb / 1P
5MM ROUND PLAIN END LENS
CML325CTP VCC-CML325CTP Datasheet
77Kb / 1P
5MM ROUND FRESNEL LOW PROFILE LENS
logo
List of Unclassifed Man...
LC2-XXX ETC2-LC2-XXX Datasheet
109Kb / 1P
LENS CAP FLP ASSEMBLY 5MM ROUND
logo
Visual Communications C...
CLR-301 VCC-CLR-301 Datasheet
78Kb / 1P
PROFILE PLAIN LENS 5MM ROUND LOW
CMC-313 VCC-CMC-313 Datasheet
75Kb / 1P
DIFFUSED LENS 5MM ROUND PLAIN
CMC-323 VCC-CMC-323 Datasheet
75Kb / 1P
END LENS 5MM ROUND PLAIN
CML-327 VCC-CML-327 Datasheet
76Kb / 1P
5MM ROUND PLAIN END LENS
CMS-444 VCC-CMS-444 Datasheet
87Kb / 1P
SEAL 5MM ROUND STANDARD THREADED PLAIN LENS WITH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com