Electronic Components Datasheet Search
  English  ▼

X  

AD8348-EVAL Datasheet(PDF) 3 Page - Analog Devices

Part # AD8348-EVAL
Description  50-1000 MHz Quadrature Demodulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8348-EVAL Datasheet(HTML) 3 Page - Analog Devices

  AD8348-EVAL Datasheet HTML 1Page - Analog Devices AD8348-EVAL Datasheet HTML 2Page - Analog Devices AD8348-EVAL Datasheet HTML 3Page - Analog Devices AD8348-EVAL Datasheet HTML 4Page - Analog Devices AD8348-EVAL Datasheet HTML 5Page - Analog Devices AD8348-EVAL Datasheet HTML 6Page - Analog Devices AD8348-EVAL Datasheet HTML 7Page - Analog Devices AD8348-EVAL Datasheet HTML 8Page - Analog Devices AD8348-EVAL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
PRELIMINARY TECHNICAL DATA
Rev. PrF 2/11/03
- 3 -
Parameter
Condition
Min
Typ
Max
Units
IF FRONT-END WITH VGA
IFIP/IFIN to IMXO/VREF, QMXO/ VREF
ENVG=5V
Zin
150
Ω||1pF 190Ω||1pF 230Ω||1pF Ω||pF
Variable Gain Range
45
dB
Linear-in-dB error
VGIN=0.3 to 1.1V
+/-1
dB
Maximum Conversion Gain
VGIN=0.2V (max gain)
33
dB
Minimum Conversion Gain
VGIN=1.2V (min gain)
-14
dB
Conversion Gain 3 dB Bandwidth
500
MHz
IF Gain Flatness
FIF=50MHz-500MHz
3
dB p-p
2nd Order Input Intercept(IIP2)
IF1=455MHz, IF2=456MHz
-10 dBm each tone from 200 Ω source
VGIN=1.2V (min gain)
55
dBm
3rd Order Input Intercept(IIP3)
IF1=455MHz, IF2=456MHz
-10 dBm each tone from 200 Ω source
VGIN=1.2V (min gain)
26
dBm
2nd Order Input Intercept(IIP2)
IF1=455MHz, IF2=456MHz
-42 dBm each tone from 200 Ω source
VGIN=0.2V (max gain)
20
dBm
3rd Order Input Intercept(IIP3)
IF1=455MHz, IF2=456MHz
-42 dBm each tone from 200 Ω source
VGIN=0.2V (max gain)
-7
dBm
1dB Input compression point
VGIN=0.2V (max gain)
-23
dBm
Noise Figure
VGIN=0.2V (max gain) From 200 Ω source
Double sideband measurement
FIF=50MHz
FIF=500MHz
10
12.5
dB
Input LO Leakage
Measured at IFIP,IFIN
-125
dBm
Output LO Leakage
Measured at IMXO/QMXO (LO=50MHz)
10
mVp-p
Demodulation Bandwidth
Full-power bandwidth (IIP3 drops 3dB)
TBD
MHz
Small-signal 3dB bandwidth
60
MHz
Quadrature Phase Error
LO=1GHz (LOIP/LOIN 2GHz, single-
ended)
0.6
deg RMS
I/Q Amplitude Imbalance
0.3
dB
Mixer Output Impedance
40
Ω
Mixer Peak output current
2.5
mA
AD8348



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com