Electronic Components Datasheet Search
  English  ▼

X  

KPC815L Datasheet(PDF) 5 Page - COSMO Electronics Corporation

Part # KPC815L
Description  High Reliability Photocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPC815L Datasheet(HTML) 5 Page - COSMO Electronics Corporation

  KPC815L Datasheet HTML 1Page - COSMO  Electronics Corporation KPC815L Datasheet HTML 2Page - COSMO  Electronics Corporation KPC815L Datasheet HTML 3Page - COSMO  Electronics Corporation KPC815L Datasheet HTML 4Page - COSMO  Electronics Corporation KPC815L Datasheet HTML 5Page - COSMO  Electronics Corporation KPC815L Datasheet HTML 6Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PRODUCT SPECIFICATION
DATE:05/05/2011
NO.63P20002
cosmo
ELECTRONICS CORPORATION
Photocoupler:
KPC815L
SHEET 5 OF 6
REV.
1
Fig.7
Relative Transfer Ratio vs.
Ambient Temperature
Fig.8
Collector-Emitter Saturation Voltage
vs. Ambient Temperature
CE
V
=2V
0
-55
50
100
25
0
5 0
100
75
150
I =1 mA
F
0
-55
0
0.5
75
50
25
1 0 0
1.5
1.0
Ic= 5mA
I =20mA
F
0.4
0.9
1.4
0.2
0.3
0.7
0.8
1.3
1.2
1. 1
0.6
0. 1
Ambient Temperature Ta (℃)
Ambient Temperature Ta (℃)
Fig.9
Collector Dark Current
vs. Ambient Temperature
Fig.10
Response Time vs.
Load Resistance
25
-8
10
-55
0
10
10
-11
-10
10
-9
10-7
10
10
-6
-5
Vce=10V
100
50
75
0.01
1
2
5
10
20
50
100
200
500
1000
Ta=25°
Ic=20mA
Vce=2V
0.1
1
f
t
10
r
t
C
td
ts
Ambient Temperature Ta (℃)
Load Resistance RL (KΩ)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com