Electronic Components Datasheet Search
  English  ▼

X  

AD8367ARU Datasheet(PDF) 14 Page - Analog Devices

Part # AD8367ARU
Description  500 MHz, Linear-in-dB VGA with AGC Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8367ARU Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8367ARU Datasheet HTML 8Page - Analog Devices AD8367ARU Datasheet HTML 9Page - Analog Devices AD8367ARU Datasheet HTML 10Page - Analog Devices AD8367ARU Datasheet HTML 11Page - Analog Devices AD8367ARU Datasheet HTML 12Page - Analog Devices AD8367ARU Datasheet HTML 13Page - Analog Devices AD8367ARU Datasheet HTML 14Page - Analog Devices AD8367ARU Datasheet HTML 15Page - Analog Devices AD8367ARU Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
REV. 0
AD8367
–14–
For an input signal consisting of a 4.096 MS/s QPSK modulated
carrier, the relationship between VSET and the output power for
this setup is shown in Figure 13. The exponential shape reflects
the linear-in-magnitude response of the AD8361. The adjacent
channel power ratio (ACPR) as a function of output power is
illustrated in Figure 14. The minima occur where the distortion
and integrated noise powers cross over.
The component values shown in Figure 12 were chosen for a
64-QAM signal at 500 kS/s at a carrier frequency of 150 MHz.
The response time of the loop as shown is roughly 5 ms for an
abrupt input level change of 40 dB. Figure 15 shows the dynamic
performance of the loop with a step-modulated CW signal applied
to the input for a VSET of about 1 V.
POUT – dBm Into 200
4.0
0
3.5
2.0
1.5
1.0
0.5
3.0
2.5
–20
10
–15
–10
–50
5
10MHz
380MHz
Figure 13. AGC Set-Point Voltage vs. Output Power
(QPSK: 4.096 MS/s;
0.22; 1 User)
U1
14
13
12
11
10
9
8
1
2
3
4
5
6
7
ENBL
INPT
MODE
GAIN
DET0
ICOM
ICOM
HPFL
VPSI
VPSO
VOUT
DECL
OCOM
ICOM
AD8367
C5
0.1 F
0.1 F
5V
U2
8
7
6
5
1
2
3
4
SREF
VRMS
FLTR
COMM
VPOS
IREF
RFIN
PWDN
AD8361
10nF
R6
66
RF INPUT
R5
10k
R4
33k
VAGC
U3
AD820
0.1 F
4
6
7
2
3
5V
VSET
C1
3.3nF
R3
82k
20pF
10nF
R1
200
10nF
10nF
R2
150k
12k
Vrms
VOUT INTO A
200
LOAD
C2
0.27 F
Vg
Figure 12. Example of Using an External Detector to Form an AGC Loop
POUT – dBm Into 200
–20
–60
–25
–40
–45
–50
–55
–30
–35
–20
10
–15
–10
–50
5
380MHz
140MHz
10MHz
70MHz
Figure 14. ACPR versus Output Power for QPSK
Waveform (4.096 MS/s;
0.22; 1 User)
TIME – sec
1.0
0
0.5
0.0
–0.5
–1.0
–1.5
–2.0
0.005
0.010
0.015
0.020
0.025
0.030
0.035
0.040
VOUT
Vg
Figure 15. AGC Dynamic Response: 8367 AGC with
an External Detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com