Electronic Components Datasheet Search
  English  ▼

X  

AD8367-EVAL Datasheet(PDF) 16 Page - Analog Devices

Part # AD8367-EVAL
Description  500 MHz, Linear-in-dB VGA with AGC Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8367-EVAL Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8367-EVAL Datasheet HTML 8Page - Analog Devices AD8367-EVAL Datasheet HTML 9Page - Analog Devices AD8367-EVAL Datasheet HTML 10Page - Analog Devices AD8367-EVAL Datasheet HTML 11Page - Analog Devices AD8367-EVAL Datasheet HTML 12Page - Analog Devices AD8367-EVAL Datasheet HTML 13Page - Analog Devices AD8367-EVAL Datasheet HTML 14Page - Analog Devices AD8367-EVAL Datasheet HTML 15Page - Analog Devices AD8367-EVAL Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
REV. 0
–16–
AD8367
Table IV. Evaluation Board Configuration Options
Component
Function
Default Condition
TP1, TP2
Supply and Ground Vector Pins
Not Applicable
TP3, TP4
Mode and Gain Vector Pins
Not Applicable
SW1
VGA/AGC Select: Used to select VGA (position A) or AGC
SW1
A
(position B) mode of operation. SW2 must be set for position A for
AGC mode of operation.
SW2
MODE Select: Used to select positive or negative VGA slope.
SW2
B
Set to position B for an increasing gain with VGAIN, position A for
decreasing gain law.
LK1
Device Enable: When LK1 is installed, the ENBL pin is connected
SW3
PWUP
to the positive supply and the AD8367 is in operating mode.
R1, R2
Input Interface: R1 and R2 are used to provide an L-pad impedance-
R1
57.6
Ω (Size 0603)
transforming network. The broadband matching network transforms
R2
174
Ω (Size 0603)
a 50
source to match a 200
Ω load with 11.5 dB of insertion loss.
R3, R4, C4
Output Interface: R3 and R4 are used to transform a 50
Ω load ter-
R3
57.6
Ω (Size 0603)
mination to look like a 200
Ω load with 11.5 dB of insertion loss.
R4
174
Ω (Size 0603)
The AC coupling capacitor, C4, can be increased to obtain a lower
C4
0.1
F (Size 0603)
high-pass corner frequency.
C1, C2, C3, R5, R6
Power Supply Decoupling: The nominal supply decoupling consists
C1
1
F (Size 0603)
of a 1
F capacitor to ground, a 4.7
Ω series resistor, and a 0.1 FR5
R6
4.7
Ω (Size 0805)
capacitor to ground. The same de-coupling network should be used on
C2
C3
0.1
F (Size 0603)
both VPSI and VPSO supply lines.
C5
Internal Supply Decoupling: Capacitor C5 provides mid-supply
C5
10 nF (Size 0603)
decoupling.
CHPFL
Filter Capacitor: HPFL capacitor, sets the high pass corner frequency.
CHPFL
0.1
F (Size 0805)
RHP
0
Ω (Size 0603)
CAGC
AGC Filter Capacitor: Capacitor, CAGC, sets closed loop AGC
CAGC = 0.1 F (Size 0805)
response time.
R7
Mode Pullup Resistor
R7
10 k
Ω (Size 0805)
14-Lead (TSSOP)
(RU-14)
14
8
7
1
0.256 (6.50)
0.246 (6.25)
0.177 (4.50)
0.169 (4.30)
PIN 1
0.201 (5.10)
0.193 (4.90)
SEATING
PLANE
0.006 (0.15)
0.002 (0.05)
0.0118 (0.30)
0.0075 (0.19)
0.0256
(0.65)
BSC
0.0433 (1.10)
MAX
0.0079 (0.20)
0.0035 (0.090)
0.028 (0.70)
0.020 (0.50)
8
0
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com