Electronic Components Datasheet Search
  English  ▼

X  

AD8401AR Datasheet(PDF) 12 Page - Analog Devices

Part # AD8401AR
Description  8-Bit, 4-Channel Data Acquisition System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8401AR Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8401AR Datasheet HTML 4Page - Analog Devices AD8401AR Datasheet HTML 5Page - Analog Devices AD8401AR Datasheet HTML 6Page - Analog Devices AD8401AR Datasheet HTML 7Page - Analog Devices AD8401AR Datasheet HTML 8Page - Analog Devices AD8401AR Datasheet HTML 9Page - Analog Devices AD8401AR Datasheet HTML 10Page - Analog Devices AD8401AR Datasheet HTML 11Page - Analog Devices AD8401AR Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
AD8401
–12–
REV. 0
28-Lead Wide-Body SO
(SOL-28)
SEATING
PLANE
0.0118 (0.30)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.1043 (2.65)
0.0926 (2.35)
0.0500
(1.27)
BSC
0.0125 (0.32)
0.0091 (0.23)
0.0500 (1.27)
0.0157 (0.40)
8
°
0
°
0.0291 (0.74)
0.0098 (0.25)
x 45
°
0.7125 (18.10)
0.6969 (17.70)
PIN 1
28
15
14
1
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
V
DD (+5.0V)
1.25V REF
8-BIT DAC
V
OUT
CONTROL LOGIC
DAC REG
ADC REG
8-BIT ADC
ADDRESS BUS
T/H
AD899
A
B
C
D
A1
A0
AG
ADC
AG
DAC
DATA I/O
(8 BITS)
A0
A1
V
IN A
V
IN B
V
IN C
V
IN D
DGND
RESET
INT
BUSY
AD8401
Figure 24. AD8401 Interface to the AD899 Read-Channel Hard Disk Drive Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com