Electronic Components Datasheet Search
  English  ▼

X  

AD841 Datasheet(PDF) 1 Page - Analog Devices

Part # AD841
Description  Wideband, Unity-Gain Stable, Fast Settling Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD841 Datasheet(HTML) 1 Page - Analog Devices

  AD841 Datasheet HTML 1Page - Analog Devices AD841 Datasheet HTML 2Page - Analog Devices AD841 Datasheet HTML 3Page - Analog Devices AD841 Datasheet HTML 4Page - Analog Devices AD841 Datasheet HTML 5Page - Analog Devices AD841 Datasheet HTML 6Page - Analog Devices AD841 Datasheet HTML 7Page - Analog Devices AD841 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Wideband, Unity-Gain Stable,
Fast Settling Op Amp
AD841
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
AC PERFORMANCE
Unity-Gain Bandwidth: 40 MHz
Fast Settling: 110 ns to 0.01%
Slew Rate: 300 V/ s
Full Power Bandwidth: 4.7 MHz for 20 V p-p into a
500
Load
DC PERFORMANCE
Input Offset Voltage: 1 mV max
Input Voltage Noise: 13 nV/
√Hz typ
Open-Loop Gain: 45 V/mV into a 1 k
Load
Output Current: 50 mA min
Supply Current: 12 mA max
APPLICATIONS
High Speed Signal Conditioning
Video and Pulse Amplifiers
Data Acquisition Systems
Line Drivers
Active Filters
Available in 14-Pin Plastic DIP Hermetic Cerdip, 12-Pin
TO-8 Metal Can and 20-Pin LCC Packages
Chips and MIL-STD-883B Parts Available
PRODUCT DESCRIPTION
The AD841 is a member of the Analog Devices family of wide
bandwidth operational amplifiers. This high speed/high precision
family includes, among others, the AD840, which is stable at a
gain of 10 or greater, and the AD842, which is stable at a gain of
two or greater and has 100 mA minimum output current drive.
These devices are fabricated using Analog Devices’ junction iso-
lated complementary bipolar (CB) process. This process permits
a combination of dc precision and wideband ac performance
previously unobtainable in a monolithic op amp. In addition to
its 40 MHz unity-gain bandwidth product, the AD841 offers ex-
tremely fast settling characteristics, typically settling to within
0.01% of final value in 110 ns for a 10 volt step.
Unlike many high frequency amplifiers, the AD841 requires no
external compensation. It remains stable over its full operating
temperature range. It also offers a low quiescent current of
12 mA maximum, a minimum output current drive capability of
50 mA, a low input voltage noise of 13 nV/
√Hz and low input
offset voltage of 1 mV maximum.
The 300 V/
µs slew rate of the AD841, along with its 40 MHz
gain bandwidth, ensures excellent performance in video and
pulse amplifier applications. This amplifier is well suited for use
in high frequency signal conditioning circuits and wide band-
width active filters. The extremely rapid settling time of the
Plastic DIP (N) Package
and
Cerdip (Q) Package
CONNECTION DIAGRAMS
TO-8 (H) Package
LCC (E) Package
AD841 makes it the preferred choice for data acquisition
applications which require 12-bit accuracy. The AD841 is
also appropriate for other applications such as high speed
DAC and ADC buffer amplifiers and other wide bandwidth
circuitry.
APPLICATION HIGHLIGHTS
1. The high slew rate and fast settling time of the AD841
make it ideal for DAC and ADC buffers, and all types
of video instrumentation circuitry.
2. The AD841 is a precision amplifier. It offers accuracy to
0.01% or better and wide bandwidth performance previ-
ously available only in hybrids.
3. The AD841’s thermally balanced layout and the speed
of the CB process allow the AD841 to settle to 0.01% in
110 ns without the long “tails” that occur with other
fast op amps.
4. Laser wafer trimming reduces the input offset voltage to
1 mV max on the K grade, thus eliminating the need for
external offset nulling in many applications. Offset null
pins are provided for additional versatility.
5. The AD841 is an enhanced replacement for the
HA2541.


Similar Part No. - AD841

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD841 AD-AD841 Datasheet
377Kb / 17P
Wideband, Unity-Gain Stable, Fast Settling Op Amp
2/13-Rev. B to Rev. C
AD841 AD-AD841 Datasheet
338Kb / 16P
Wideband, Unity-Gain Stable, Fast Settling Op Amp
Rev. C
AD8410 AD-AD8410 Datasheet
3Mb / 4P
High Voltage, High Bandwidth Current Sense Amplifier
AD8410A AD-AD8410A Datasheet
1Mb / 23P
−2 V to 70 V Wide Input Voltage Range, 2.2 MHz High Bandwidth, Current-Sense Amplifier with PWM Rejection
Rev. 0
AD8410A AD-AD8410A Datasheet
1Mb / 25P
−2 V to 70 V Wide Input Voltage Range, 2.2 MHz High Bandwidth, Current-Sense Amplifier with PWM Rejection and Gain 20 V/V
Rev. A
More results

Similar Description - AD841

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC400 NSC-CLC400 Datasheet
392Kb / 6P
Fast Settling, Wideband Low-Gain Monolithic Op Amp
CLC401 NSC-CLC401 Datasheet
388Kb / 6P
Fast Settling, Wideband High-Gain Monolithic Op Amp
logo
Intersil Corporation
HA-2841 INTERSIL-HA-2841 Datasheet
272Kb / 13P
Wideband, Fast Settling, Unity Gain Stable, Video Operational Amplifier
July 1994
HA-2541883 INTERSIL-HA-2541883 Datasheet
40Kb / 5P
Wideband, Fast Settling, Unity Gain Stable, Operational Amplifier
July 1994
logo
Elantec Semiconductor
EL2041 ELANTEC-EL2041 Datasheet
1Mb / 13P
Wideband Fast Settling Unity Gain Stable, Operational Amplifier
EL2041D ELANTEC-EL2041D Datasheet
303Kb / 1P
Wideband Fast Settling Unity Gain Stable, Operational Amplifier
logo
Analog Devices
AD841 AD-AD841_15 Datasheet
338Kb / 16P
Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV. C
logo
Texas Instruments
CLC400 TI1-CLC400 Datasheet
507Kb / 11P
Fast Settling, Wideband Low Gain Monolithic Op Amp
CLC401 TI1-CLC401 Datasheet
448Kb / 12P
Fast Settling, Wideband High Gain Monolithic Op Amp
logo
Analog Devices
AD841 AD-AD841_17 Datasheet
377Kb / 17P
Wideband, Unity-Gain Stable, Fast Settling Op Amp
2/13-Rev. B to Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com