Electronic Components Datasheet Search
  English  ▼

X  

AD843 Datasheet(PDF) 1 Page - Analog Devices

Part # AD843
Description  34 MHz, CBFET Fast Settling Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD843 Datasheet(HTML) 1 Page - Analog Devices

  AD843 Datasheet HTML 1Page - Analog Devices AD843 Datasheet HTML 2Page - Analog Devices AD843 Datasheet HTML 3Page - Analog Devices AD843 Datasheet HTML 4Page - Analog Devices AD843 Datasheet HTML 5Page - Analog Devices AD843 Datasheet HTML 6Page - Analog Devices AD843 Datasheet HTML 7Page - Analog Devices AD843 Datasheet HTML 8Page - Analog Devices AD843 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CONNECTION DIAGRAMS
16-Pin SOIC (R-16) Package
Plastic (N-8) and
Cerdip (Q-8) Package
TO-8 (H-12A) Package
LCC (E-20A) Package
REV. D
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
34 MHz, CBFET
Fast Settling Op Amp
AD843
© Analog Devices, Inc., 1995
One Technology Way, P.O. Box 9106, Norwood. MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
PRODUCT DESCRIPTION
The AD843 is a fast settling, 34 MHz, CBFET input op amp.
The AD843 combines the low (0.6 nA) input bias currents
characteristic of a FET input amplifier while still providing a
34 MHz bandwidth and a 135 ns settling time (to within 0.01%
of final value for a 10 volt step). The AD843 is a member of the
Analog Devices’ family of wide bandwidth operational amplifi-
ers. These devices are fabricated using Analog Devices’ junction
isolated complementary bipolar (CB) process. This process per-
mits a combination of dc precision and wideband ac perform-
ance previously unobtainable in a monolithic op amp.
The 250 V/
µs slew rate and 0.6 nA input bias current of the
AD843 ensure excellent performance in high speed sample-and-
hold applications and in high speed integrators. This amplifier is
also ideally suited for high bandwidth active filters and high fre-
quency signal conditioning circuits.
Unlike many high frequency amplifiers, the AD843 requires no
external compensation and it remains stable over its full operat-
ing temperature range. It is available in five performance grades:
the AD843J and AD843K are rated over the commercial
temperature range of 0
°C to +70°C. The AD843A and AD843B
are rated over the industrial temperature range of –40
°C to +85°C.
The AD843S is rated over the military temperature range of –55
°C
to +125
°C and is available processed to MIL-STD-883B, Rev. C.
FEATURES
AC PERFORMANCE
Unity Gain Bandwidth: 34 MHz
Fast Settling: 135 ns to 0.01%
Slew Rate: 250 V/ s
Stable at Gains of 1 or Greater
Full Power Bandwidth: 3.9 MHz
DC PERFORMANCE
Input Offset Voltage: 1 mV max (AD843K/B}
Input Bias Current: 0.6 nA typ
Input Voltage Noise: 19 nV/
√Hz
Open Loop Gain: 30 V/mV into a 500
Load
Output Current: 50 mA min
Supply Current: 13 mA max
Available in 8-Pin Plastic Mini-DIP & Cerdip, 16-Pin SOIC,
20-Pin LCC and 12-Pin Hermetic Metal Can Packages
Available in Tape and Reel in Accordance with
EIA-481A Standard
Chips and MIL-STD-883B Parts Also Available
APPLICATIONS
High Speed Sample-and-Hold Amplifiers
High Bandwidth Active Filters
High Speed Integrators
High Frequency Signal Conditioning
The AD843 is offered in either 8-pin plastic DIP or hermetic
cerdip packages, in 16-pin SOIC, 20-Pin LCC, or in a 12-pin
metal can. Chips are also available.
PRODUCT HIGHLIGHTS
1. The high slew rate, fast settling time and low input bias cur-
rent of the AD843 make it the ideal amplifier for 12-bit D/A
and A/D buffers, for high speed sample-and-hold amplifiers
and for high speed integrator circuits. The AD843 can re-
place many FET input hybrid amplifiers such as the
LH0032, LH4104 and OPA600.
2. Fully differential inputs provide outstanding performance in
all standard high frequency op amp applications such as sig-
nal conditioning and active filters.
3. Laser wafer trimming reduces the input offset voltage to
1 mV max (AD843K and AD843B).
4. Although external offset nulling is unnecessary in many ap-
plications, offset null pins are provided.
5. The AD843 does not require external compensation at
closed loop gains of 1 or greater.


Similar Part No. - AD843

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD843 AD-AD843 Datasheet
460Kb / 12P
34 MHz, CBFET Fast Settling Op Amp
REV. D
AD843 AD-AD843 Datasheet
485Kb / 13P
34 MHz, CBFET Fast Settling Op Amp
23-Feb-2017
AD8432 AD-AD8432 Datasheet
720Kb / 28P
Dual-Channel Ultralow Noise Amplifier with Selectable Gain and Input Impedance
REV. 0
AD8432 AD-AD8432 Datasheet
877Kb / 32P
Dual-Channel Ultralow Noise Amplifier Selectable Gain and Input Impedance
3/2017-Rev. C to Rev. D
AD8432-EVALZ AD-AD8432-EVALZ Datasheet
720Kb / 28P
Dual-Channel Ultralow Noise Amplifier with Selectable Gain and Input Impedance
REV. 0
More results

Similar Description - AD843

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD845 AD-AD845 Datasheet
234Kb / 8P
Precision, 16 MHz CBFET Op Amp
REV.D
5962-9098001MPA AD-5962-9098001MPA Datasheet
460Kb / 12P
34 MHz, CBFET Fast Settling Op Amp
REV. D
AD843JNZ AD-AD843JNZ Datasheet
460Kb / 12P
34 MHz, CBFET Fast Settling Op Amp
REV. D
AD845JNZ AD-AD845JNZ Datasheet
217Kb / 12P
Precision, 16 MHz CBFET Op Amp
REV. E
AD845JRZ-16-REEL7 AD-AD845JRZ-16-REEL7 Datasheet
174Kb / 12P
Precision, 16 MHz CBFET Op Amp
REV. E
AD843SQ AD-AD843SQ Datasheet
460Kb / 12P
34 MHz, CBFET Fast Settling Op Amp
REV. D
AD843 AD-AD843_15 Datasheet
460Kb / 12P
34 MHz, CBFET Fast Settling Op Amp
REV. D
AD845 AD-AD845_15 Datasheet
217Kb / 12P
Precision, 16 MHz CBFET Op Amp
REV. E
AD843 AD-AD843_17 Datasheet
485Kb / 13P
34 MHz, CBFET Fast Settling Op Amp
23-Feb-2017
AD845 AD-AD845_17 Datasheet
222Kb / 13P
Precision, 16 MHz CBFET Op Amp
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com