Electronic Components Datasheet Search
  English  ▼

X  

AD847 Datasheet(PDF) 11 Page - Analog Devices

Part # AD847
Description  High Speed, Low Power Monolithic Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD847 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD847 Datasheet HTML 4Page - Analog Devices AD847 Datasheet HTML 5Page - Analog Devices AD847 Datasheet HTML 6Page - Analog Devices AD847 Datasheet HTML 7Page - Analog Devices AD847 Datasheet HTML 8Page - Analog Devices AD847 Datasheet HTML 9Page - Analog Devices AD847 Datasheet HTML 10Page - Analog Devices AD847 Datasheet HTML 11Page - Analog Devices AD847 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD847
REV. F
–11–
A High Speed, Three Op-Amp In-Amp
The circuit of Figure 26 lends itself well to CCD imaging and
other video speed applications. It uses two high speed CB pro-
cess op-amps: Amplifier A3, the output amplifier, is an AD847.
The input amplifier (A1 and A2) is an AD827, which is a dual
version of the AD847. This circuit has the optional flexibility of
both dc and ac trims for common-mode rejection, plus the abil-
ity to adjust for minimum settling time.
PIN 7 AD847,
PIN 8 AD827
1
µF
1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
EACH
AMPLIFIER
+15V
–15V
COMM
+VS
–VS
10
µF
10
µF
PIN 4
AD847 & AD827
AD847
2–8pF
SETTLING TIME
AC CMR ADJUST
2k
Ω
1.87k
Ω
2k
Ω
2k
Ω
5pF
R G
VOUT
200
Ω
DC CMR
ADJUST
2k
Ω
R L
CIRCUIT GAIN =
+ 1
2000
Ω
G
R
IN
+V
2
3
1
A1
1/2
AD827
1k
Ω
–V
IN
6
5
7
A2
1/2
AD827
1k
Ω
2
3
6
A3
100Hz
1kHz
10kHz
100kHz
1MHz
88.3dB
87.4dB
86.2dB
67.4dB
47.1dB
INPUT
FREQUENCY
CMRR
THD + NOISE
BELOW INPUT
LEVEL
@ 10kHz
1
2
10
100
OPEN
2k
Ω
226
Ω
20
Ω
2–8
2–8
2–8
2–8
16.1MHz
14.7MHz
4.5MHz
660kHz
200ns
200ns
370ns
2.5
µs
82dB
82dB
81dB
71dB
GAIN
R G
SMALL
SIGNAL
BANDWIDTH
SETTLING
TIME
TO 0.1%
C
(pF)
ADJ
BANDWIDTH, SETTLING TIME AND TOTAL HARMONIC DISTORTION VS. GAIN
Figure 26. A High Speed In-Amp Circuit for Data Acquisition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com