Electronic Components Datasheet Search
  English  ▼

X  

A02TKLC Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # A02TKLC
Description  RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

A02TKLC Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button A02TKLC Datasheet HTML 5Page - Freescale Semiconductor, Inc A02TKLC Datasheet HTML 6Page - Freescale Semiconductor, Inc A02TKLC Datasheet HTML 7Page - Freescale Semiconductor, Inc A02TKLC Datasheet HTML 8Page - Freescale Semiconductor, Inc A02TKLC Datasheet HTML 9Page - Freescale Semiconductor, Inc A02TKLC Datasheet HTML 10Page - Freescale Semiconductor, Inc A02TKLC Datasheet HTML 11Page - Freescale Semiconductor, Inc A02TKLC Datasheet HTML 12Page - Freescale Semiconductor, Inc A02TKLC Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
MRFE6VP8600HR6 MRFE6VP8600HR5 MRFE6VP8600HSR6 MRFE6VP8600HSR5
9
RF Device Data
Freescale Semiconductor
470--860 MHz REFERENCE CIRCUIT
VDD =50 Volts,IDQ = 1400 mA, Channel Bandwidth = 8 MHz, Input
Signal PAR = 9.5 dB @ 0.01% Probability on CCDF, TC =50°C.
Signal Type
Pout
(W)
f
(MHz)
Gps
(dB)
ηD
(%)
Output
PAR
(dB)
IMD
Shoulder
(dBc)
DVB--T (8k OFDM)
125 Avg.
470
19.0
27.2
8.2
--31.1
650
20.3
30.6
7.6
--30.3
860
19.0
27.9
7.7
--30.4
Figure 14. MRFE6VP8600HR6(HSR6) Broadband Test Circuit Component Layout — 470--860 MHz
MRFE6VP8600H
Rev. 1
C1
C2
L1
R1
COAX1
COAX2
C5
C4
C6
C7
C8
C9*
C13 C14
L2
R2
C39
C40
COAX3
COAX4
C35
C34 C32
C31
C33*
C18
C19
*C9, C11, C12, C21, C22, C23, C24, C25, C26, C27, C28, C29, C30 and C33 are mounted vertically.
C3
C10
C11*
C12*
C15
C38
C37
C36
C29* C30*
C24*
C23*
C25*
C26*
C27*
C28*
C21*
C22*
C20
C17
C16
C6
Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com