Electronic Components Datasheet Search
  English  ▼

X  

AD8509 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8509
Description  9- and 11-Channel, Muxed Input LCD Reference Drivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8509 Datasheet(HTML) 4 Page - Analog Devices

  AD8509 Datasheet HTML 1Page - Analog Devices AD8509 Datasheet HTML 2Page - Analog Devices AD8509 Datasheet HTML 3Page - Analog Devices AD8509 Datasheet HTML 4Page - Analog Devices AD8509 Datasheet HTML 5Page - Analog Devices AD8509 Datasheet HTML 6Page - Analog Devices AD8509 Datasheet HTML 7Page - Analog Devices AD8509 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AD8509/AD8511
Rev. B | Page 4 of 8
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage
7 V
Input Voltage
GND to VS
Storage Temperature Range
RU Package
−65°C to +150°C
Operating Temperature Range
−40°C to +85°C
Junction Temperature Range
RU Package
−65°C to +150°C
Lead Temperature Range
(Soldering, 60 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; the functional operation of the device at these or
any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods may
affect device reliability.
Table 3.
Package Type
θJA1
θJC
Unit
48-lead Pb-free TSSOP (RU)
115
42
°C/W
1 θJA is specified for the worst-case conditions, that is, θJA is specified for
devices soldered in circuit boards for surface-mount packages.
Table 4. MUX Function
A/B Select (Pin 29)
Input
Logic High
INAx
Logic Low
INBx
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com