Electronic Components Datasheet Search
  English  ▼

X  

AD8529 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8529
Description  8 MHz Rail-to-Rail Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8529 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8529 Datasheet HTML 4Page - Analog Devices AD8529 Datasheet HTML 5Page - Analog Devices AD8529 Datasheet HTML 6Page - Analog Devices AD8529 Datasheet HTML 7Page - Analog Devices AD8529 Datasheet HTML 8Page - Analog Devices AD8529 Datasheet HTML 9Page - Analog Devices AD8529 Datasheet HTML 10Page - Analog Devices AD8529 Datasheet HTML 11Page - Analog Devices AD8529 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
REV. C
–10–
AD8519/AD8529
Slew rate related distortion would not be present at the lower
voltages because the AD8519 is so fast at 2.1 V/
ms. A general
rule of thumb for determining the necessary slew rate for an
audio system is to take the maximum output voltage range of
the device given the design’s power rails and divide by two.
In Figure 2, the power rails are 2.7 V and the output is rail-to-
rail. Enter these numbers into the equation: 2.7/2 is 1.35 V and
the minimum ideal slew rate is 1.35 V/
ms.
While this data sheet gives only one audio example, many audio
circuits are enhanced with the use of the AD8519. Following
are a few examples: active audio filters such as bass, treble, and
equalizers; PWM filters at the output of audio DACs; buffers and
summers for mixing stations; and gain stages for volume control.
1k
AD8519
2.7V
30.9k
2.7V
3.09k
C1
1 F
1nF
NPO
46.4k
93.1k
2.7V
MIC
IN
240pF
48k
CODEC LINE IN
OR MIC IN
10 F ELECT
Figure 2. 10
Microphone Preamplifier
Two-Element Varying Bridge Amplifier
There are a host of bridge configurations available to designers.
For a complete analysis, look at the ubiquitous bridge and its differ-
ent forms. Please refer to the 1992 Amplifier Applications Guide
*.
*Adolfo Garcia and James Wong, Chapter 2, 1992 Amplifier Applications Guide.
Figure 3 is a schematic of a two-element varying bridge. This con-
figuration is commonly found in pressure and flow transducers.
With two-elements varying, the signal will be 2
¥ as compared to
a single-element varying bridge. The advantages of this type of
bridge are gain setting range, no signal input equals 0 V out, and
single-supply application. Negative characteristics are nonlinear
operation and required R matching. Given these sets of conditions,
requirements, and characteristics, the AD8519 can be success-
fully used in this configuration because of its rail-to-rail output
and low offset. Perhaps the greatest benefits of the AD8519,
when used in the bridge configuration, are the advantages it can
bring when placed in a remote bridge sensor. For example, the
tiny SC70 and SOT-23 packages will reduce the overall sensor
size; low power allows for remote powering via batteries or solar
cells, high output current drive to drive a long cable, and 2.7 V
operation for two-cell operation.
R
R
R
R
AD8519
RF
2.7V
RF
Figure 3. Two-Element Varying Bridge Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com