Electronic Components Datasheet Search
  English  ▼

X  

MP916 Datasheet(PDF) 1 Page - Caddock Electronics, Inc.

Part # MP916
Description  Power Film Resistors TO-126, TO-220 and TO-247 Style
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADDOCK [Caddock Electronics, Inc.]
Direct Link  http://www.caddock.com/
Logo CADDOCK - Caddock Electronics, Inc.

MP916 Datasheet(HTML) 1 Page - Caddock Electronics, Inc.

  MP916 Datasheet HTML 1Page - Caddock Electronics, Inc. MP916 Datasheet HTML 2Page - Caddock Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Sales and Corporate Office
1717 Chicago Avenue
Riverside, California 92507-2364
Phone: (951) 788-1700
Fax: (951) 369-1151
Applications Engineering
17271 North Umpqua Hwy.
Roseburg, Oregon 97470-9422
Phone: (541) 496-0700
Fax: (541) 496-0408
e-mail: caddock@caddock.com • web: www.caddock.com
For Caddock Distributors listed by country see caddock.com/contact/dist.html
© 2004 Caddock Electronics, Inc.
CAD
K
DOC
MP900 and MP9000 Series Kool-Pak®
Power Film Resistors TO-126, TO-220 and TO-247 Style
15Wattsat +25°C CaseTemperature, deratedtozeroat +150°C.
ExposedCeramicHeatDissipatingMountingSurface.
ResistanceRangeof 0.020ohmto1K.
Non-InductiveDesign.
Use your thermal design experience with power semiconductors in TO-126, TO-220,
and TO-247 style power packages to help you get the most out of this unique family of
power resistors. The thermal design issues are the same where power handling
capability is based on the case temperature which is maintained in your design.
•
•
•
•
MP915 TO-126StylePowerPackage
Upto30 Wattsat +25°C CaseTemperature, deratedtozeroat +150°C.
ExposedCeramicHeatDissipatingMountingSurface.
ResistanceRangeof 0.010ohmto100K.
Non-InductiveDesign.
•
•
•
•
MP916,MP925,andMP930 TO-220StylePowerPackage
100 Wattsat +25°C CaseTemperature, deratedtozeroat +175°C.
ExposedCeramicHeatDissipatingMountingSurface.
ResistanceRangeof 0.050ohmto100ohm.
Non-InductiveDesign.
•
•
•
•
MP9100 TO-247StylePowerPackage
Low Cost Heat Sink Mountable Design featuring
an Exposed Ceramic Heat Dissipating Mounting Surface
The MP900 and MP9000 Series Kool-Pak® Power
Film Resistors are constructed with Caddock's
Micronox® resistance film fired onto a flat ceramic
substrate. The terminal attachment and resistance
element geometry are configured to provide
outstanding non-inductive performance. The
ceramic substrate is positioned in the molded
package such that the resistor element and terminal
attachment areas on the substrate are
encapsulated in the molded body with the other side
of the ceramic being exposed flush with the back
mounting surface of the device. This construction is
covered by one or more issued patents, also
patents pending.
For custom resistance values and tolerances contact
applications engineering.
Construction of MP900 and
MP9000 Series:
0.020 Ω 5%
0.025 Ω 5%
0.030 Ω 5%
0.033 Ω 5%
0.040 Ω 5%
0.050 Ω
0.075 Ω
0.10 Ω
0.15 Ω
0.20 Ω
0.25 Ω
0.30 Ω
0.33 Ω
0.40 Ω
0.50 Ω
0.75 Ω
1.00 Ω
1.50 Ω
2.00 Ω
2.50 Ω
3.00 Ω
3.30 Ω
4.00 Ω
5.00 Ω
7.50 Ω
8.00 Ω
10.0 Ω
12.0 Ω
15.0 Ω
20.0 Ω
25.0 Ω
27.0 Ω
30.0 Ω
33.0 Ω
40.0 Ω
47.0 Ω
50.0 Ω
56.0 Ω
75.0 Ω
100 Ω
120 Ω
150 Ω
200 Ω
250 Ω
300 Ω
330 Ω
400 Ω
470 Ω
500 Ω
560 Ω
750 Ω
1.00 K
1.50 K
2.00 K
2.50 K
3.00 K
3.30 K
4.00 K
5.00 K
7.50 K
MP915, MP925, and MP930
Standard Resistance Values:
Tolerance MP915, MP925, and MP930 ±1% Standard - except
as noted. (5% and 20% are available for most resistance values).
0.050 Ω
0.075 Ω
0.10 Ω
0.15 Ω
0.20 Ω
0.25 Ω
0.30 Ω
0.33 Ω
0.40 Ω
0.50 Ω
0.75 Ω
1.00 Ω
1.50 Ω
2.00 Ω
2.50 Ω
3.00 Ω
3.30 Ω
4.00 Ω
5.00 Ω
7.50 Ω
8.00 Ω
10.0 Ω
12.0 Ω
15.0 Ω
MP9100 Standard Resistance Values:
Tolerance MP9100 ±1% Standard.
20.0 Ω
25.0 Ω
27.0 Ω
30.0 Ω
33.0 Ω
40.0 Ω
47.0 Ω
50.0 Ω
56.0 Ω
75.0 Ω
100 Ω
Ordering Information:
MP915 - 50.0 - 1%
Model Number:
Resistor Value:
Tolerance
10.0 K
15.0 K
20.0 K
25.0 K
30.0 K
33.0 K
40.0 K
47.0 K
50.0 K
56.0 K
68.0 K
75.0 K
82.0 K
100 K
0.010 Ω 5%
0.015 Ω 5%
MP916 Standard Resistance Values:
Tolerance MP916 ±5% Standard (20% is available).
Packaging: MP915, MP916, MP925, MP930
resistors are packaged in plastic shipping tubes,
50 pieces per tube. These resistors are available
in a 50 piece minimum quantity and in full tube
quantity increments (i.e. 50, 100, 150, etc.). The
MP9100 resistors are packaged in plastic shipping
tubes, 25 pieces per tube.
New
Power Resistor
with
Exposed Ceramic
Heat Dissipating
Mounting
Surface
.
Page 1 of 2
28_IL102.1004


Similar Part No. - MP916

ManufacturerPart #DatasheetDescription
logo
Caddock Electronics, In...
MP916 CADDOCK-MP916 Datasheet
532Kb / 2P
Power Film Resistors TO-126, TO-220 and TO-247 Style
MP916 CADDOCK-MP916 Datasheet
532Kb / 2P
MP900 and MP9000 Series Kool-Pak짰 Power Film Resistors TO-126, TO-220 and TO-247 Style
logo
Monolithic Power System...
MP9161A MPS-MP9161A Datasheet
443Kb / 15P
2A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter in 8-pin TSOT23
MP9161AGJ MPS-MP9161AGJ Datasheet
443Kb / 15P
2A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter in 8-pin TSOT23
MP9162A MPS-MP9162A Datasheet
453Kb / 14P
2A, 6V, 1.5MHz, 17uA IQ, COT, Synchronous, Step-Down Converter
More results

Similar Description - MP916

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
PF1260 RIEDON-PF1260 Datasheet
272Kb / 2P
TO-126 Power Film Resistors
PF2470 RIEDON-PF2470 Datasheet
222Kb / 2P
TO-247 Power Film Resistors
PF1260 RIEDON-PF1260_11 Datasheet
226Kb / 2P
TO-126 Power Film Resistors
logo
List of Unclassifed Man...
SEI-TR ETC2-SEI-TR Datasheet
115Kb / 3P
TO-220 and TO-247 Style Power Resistor
logo
Riedon Powertron
PF2470 RIEDON-PF2470_16 Datasheet
239Kb / 3P
TO-247 Power Film Resistors
PF2472-30RF1 RIEDON-PF2472-30RF1 Datasheet
226Kb / 3P
TO-247 Power Film Resistors
PF2472-0R05J1 RIEDON-PF2472-0R05J1 Datasheet
226Kb / 3P
TO-247 Power Film Resistors
logo
Caddock Electronics, In...
MP915 CADDOCK-MP915_17 Datasheet
532Kb / 2P
Power Film Resistors TO-126, TO-220 and TO-247 Style
MP900 CADDOCK-MP900 Datasheet
532Kb / 2P
MP900 and MP9000 Series Kool-Pak짰 Power Film Resistors TO-126, TO-220 and TO-247 Style
logo
Stackpole Electronics, ...
TR_SERIES SEI-TR_SERIES Datasheet
328Kb / 5P
TO-220 and TO-247 Style Power Resistor
7/26/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com