Electronic Components Datasheet Search
  English  ▼

X  

LE-RTDUWS-2W Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LE-RTDUWS-2W
Description  compact lightsource in multi chip SMT technology with glass window on top
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LE-RTDUWS-2W Datasheet(HTML) 4 Page - OSRAM GmbH

  LE-RTDUWS-2W Datasheet HTML 1Page - OSRAM GmbH LE-RTDUWS-2W Datasheet HTML 2Page - OSRAM GmbH LE-RTDUWS-2W Datasheet HTML 3Page - OSRAM GmbH LE-RTDUWS-2W Datasheet HTML 4Page - OSRAM GmbH LE-RTDUWS-2W Datasheet HTML 5Page - OSRAM GmbH LE-RTDUWS-2W Datasheet HTML 6Page - OSRAM GmbH LE-RTDUWS-2W Datasheet HTML 7Page - OSRAM GmbH LE-RTDUWS-2W Datasheet HTML 8Page - OSRAM GmbH LE-RTDUWS-2W Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
2012-03-02
4
LE RTDUW S2W
Kennwerte
Characteristics (T
S = 25 °C)
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
red
true
green
deep
blue
ultra
white
Wellenlänge des emittierten Lichtes
Wavelength at peak emission
(typ.)
I
F = 700 mA
λ
peak
632
520
449
nm
Dominantwellenlänge
3) Seite 23
(min.)
Dominant wavelength
3) page 23
(typ.)
I
F = 700 mA
(max.)
λ
dom
λ
dom
λ
dom
620
625
632
521
527
533
449
453
457
nm
nm
nm
Spektrale Bandbreite bei 50 %
Φ
rel max
Spectral bandwidth at 50 %
Φ
rel max
(typ.)
I
F = 700 mA
∆λ
18
35
20
nm
Farbkoordinate x nach CIE 1931
3) Seite 23(typ.)
Chromaticity coordinate x acc. to CIE
1931
3) page 23
I
F = 700 mA
x
y
0.31
0.32
–
–
Abstrahlwinkel bei 50 %
Φ
V (Vollwinkel)(typ.)
Viewing angle at 50 %
Φ
V
2
ϕ
120
Grad
deg.
Durchlassspannung pro Chip
4) Seite 23
(min.)
Forward voltage per chip
4) page 23
(typ.)
I
F = 700 mA
(max.)
V
F
V
F
V
F
2.10
2.45
2.90
2.90
3.45
4.20
2.90
3.45
4.00
2.90
3.45
4.00
V
V
V
Sperrstrom
(max.)
Reverse current
(U
R=0.5V)
I
R
not designed for
reverse operation
µA
Abstrahlende Fläche
(typ.)
Radiating Surface
A
Color
2 x 2
mm²
Partieller Lichtfluss
Partial flux(typ.)
acc. CIE 127:2007
Φ
V 120
0.82 x
Φ
V, 180
lm
Wärmewiderstand des gesamten Moduls
Thermal resistance of the module
Sperrschicht / Lötpunkt
Junction / solder point
R
th JS
3.1 (typ.)
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com