Electronic Components Datasheet Search
  English  ▼

X  

AD8532 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8532
Description  Low Cost, 250 mA Output Single-Supply Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8532 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8532 Datasheet HTML 8Page - Analog Devices AD8532 Datasheet HTML 9Page - Analog Devices AD8532 Datasheet HTML 10Page - Analog Devices AD8532 Datasheet HTML 11Page - Analog Devices AD8532 Datasheet HTML 12Page - Analog Devices AD8532 Datasheet HTML 13Page - Analog Devices AD8532 Datasheet HTML 14Page - Analog Devices AD8532 Datasheet HTML 15Page - Analog Devices AD8532 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD8531/AD8532/AD8534
REV. D
–14–
* AD8531/AD8532/AD8534 SPICE Macro-model
3/96, REV. D
* 5-Volt Version
ARG / ADSC
*
* Copyright 1996 by Analog Devices
*
* Refer to “README.DOC” file for License Statement. Use of this model
* indicates your acceptance of the terms and provisions in the License
* Statement.
*
* Node assignments
*
noninverting input
*|
inverting input
*
||
positive supply
*
|||
negative supply
*
||||
output
*
|||||
.SUBCKT AD8531/AD8532/AD8534_5 1
2
99
50
40
*
* INPUT STAGE
*
M1
3
2
650
NIX L=6U W=25U
M2
4
7
650
NIX L=6U W=25U
M3
8
2
55
PIX
L=6U W=25U
M4
9
7
55
PIX
L=6U W=25U
EOS
7
1
POLY(1)
25
98
5E-3 0.451
IIN1
1
98
5P
IIN2
2
98
5P
IOS
2
1
0.5P
I1
99
5
50U
I2
6
50
50U
R1
99
3
4.833K
R2
99
4
4.833K
R3
850
4.833K
R4
950
4.833K
D3
5
99
DX
D4
50
6
DX
*
* GAIN
STAGE
*
EREF
98
0
POLY(2)
99
0
50
0
0
0.5
+0.5
G1
98
21
POLY(2)
4
3
9
8
0
+145U
+145U
RG
21
98
18.078E6
CC
21
40
14P
D1
21
22
DX
D2
23
21
DX
V1
99
22
1.37
V2
23
50
1.37
*
* COMMON MODE GAIN STAGE
*
ECM
24
98
POLY(2)
1
98
2
98
0
0.5
+0.5
R5
24
25
1E6
R6
25
98
10K
C1
24
25
0.75P
*
* OUTPUT STAGE
*
ISY
99
50
450.4U
GSY
99
50
POLY(1)
99
50
-3.334E-4
6.667E-5
EP
99
39
POLY(1)
98
21
0.78925
1
EN
38
50
POLY(1)
21
98
0.78925
1
M15
40
39
99
99
POX L=1.5U
W=1500U
M16
40
38
50
50
NOX L=1.5U
W=1500U
C15
40
39
50P
C16
40
38
50P
.MODEL DX D(RS=1 CJO=0.1P)
.MODEL NIX NMOS(VTO=0.75 KP=205.5U RD=1 RS=1 RG=1 RB=1
+CGSO=4E-9
+CGDO=4E-9 CGBO=16.667E-9 CBS=2.34E-13 CBD=2.34E-13)
.MODEL NOX NMOS(VTO=0.75 KP=195U RD=.5 RS=.5 RG=1 RB=1
+CGSO=66.667E-12
+CGDO=66.667E-12 CGBO=125E-9 CBS=2.34E-13 CBD=2.34E-13)
.MODEL PIX PMOS(VTO=-0.75 KP=205.5U RD=1 RS=1 RG=1 RB=1
+CGSO=4E-9
+CGDO=4E-9 CBDO=16.667E-9 CBS=2.34E-13 CBD=2.34E-13)
.MODEL POX PMOS(VTO=-0.75 KP=195U RD=.5 RS=.5 RG=1 RB=1
+CGSO=66.667E-12
+CGDO=66.667E-12 CGBO=125E-9 CBS=2.34E-13 CBD=2.34E-13)
.ENDS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com