Electronic Components Datasheet Search
  English  ▼

X  

AD8541 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8541
Description  General Purpose CMOS Rail-to-Rail Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8541 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8541 Datasheet HTML 4Page - Analog Devices AD8541 Datasheet HTML 5Page - Analog Devices AD8541 Datasheet HTML 6Page - Analog Devices AD8541 Datasheet HTML 7Page - Analog Devices AD8541 Datasheet HTML 8Page - Analog Devices AD8541 Datasheet HTML 9Page - Analog Devices AD8541 Datasheet HTML 10Page - Analog Devices AD8541 Datasheet HTML 11Page - Analog Devices AD8541 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8541/AD8542/AD8544
–8–
REV. D
CAPACITANCE – pF
60
0
10
100
10k
1k
30
20
10
40
VS = 5V
RL = 10k
TA = 25 C
50
+OS
OS
TPC 20. Small Signal Overshoot vs.
Load Capacitance
50mV
10 s
2.5V
VS = 5V
RL = 100k
CL = 300pF
AV = 1
TA = 25 C
TPC 23. Small Signal Transient
Response
1V
20 s
2.5V
VS = 5V
RL = 10k
AV = 1
TA = 25 C
VOUT
VIN
TPC 26. No Phase Reversal
CAPACITANCE – pF
60
0
10
100
10k
1k
30
20
10
40
VS = 5V
RL = 2k
TA = 25 C
50
+OS
OS
TPC 21. Small Signal Overshoot vs.
Load Capacitance
1V
10 s
2.5V
VS = 5V
RL = 2k
AV = 1
TA = 25 C
TPC 24. Large Signal Transient
Response
SUPPLY VOLTAGE – V
60
0
01
6
23
45
50
40
30
20
10
TA = 25 C
TPC 27. Supply Current per
Amplifier vs. Supply Voltage
FREQUENCY – Hz
3.0
2.5
0
1k
10k
10M
100k
1M
2.0
1.5
0.5
1.0
VS = 5V
VIN = 4.9V p-p
RL = 2k
TA = 25 C
4.0
3.5
5.0
4.5
TPC 19. Closed-Loop Output
Voltage Swing vs. Frequency
CAPACITANCE – pF
60
0
10
100
10k
1k
30
20
10
40
VS = 5V
RL =
TA = 25 C
50
+OS
OS
TPC 22. Small Signal Overshoot vs.
Load Capacitance
FREQUENCY – Hz
1k
10k
10M
100k
1M
80
60
40
20
0
VS = 5V
RL = NO LOAD
TA = 25 C
45
90
135
180
TPC 25. Open-Loop Gain and Phase
vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com