Electronic Components Datasheet Search
  English  ▼

X  

AD8552 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8552
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8552 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8552 Datasheet HTML 3Page - Analog Devices AD8552 Datasheet HTML 4Page - Analog Devices AD8552 Datasheet HTML 5Page - Analog Devices AD8552 Datasheet HTML 6Page - Analog Devices AD8552 Datasheet HTML 7Page - Analog Devices AD8552 Datasheet HTML 8Page - Analog Devices AD8552 Datasheet HTML 9Page - Analog Devices AD8552 Datasheet HTML 10Page - Analog Devices AD8552 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD8551/AD8552/AD8554
–7–
REV. 0
5 s
50mV
VSY = 1.35V
CL = 50pF
RL =
AV = +1
Figure 19. Small Signal Transient
Response at +2.7 V
CAPACITANCE – pF
10
100
10k
1k
45
0
40
35
30
25
20
15
10
5
+OS
OS
VSY = 2.5V
RL = 2k
TA = +25 C
Figure 22. Small Signal Overshoot
vs. Load Capacitance at +5 V
200 s
1V
VS =
2.5V
RL = 2k
AV =
100
VIN = 60mV p-p
Figure 25. No Phase Reversal
5 s
50mV
VSY = 2.5V
CL = 50pF
RL =
AV = +1
Figure 20. Small Signal Transient
Response at +5 V
VSY = 2.5V
VIN = 200mV p-p
(RET TO GND)
CL = 0pF
RL = 10k
AV = 100
20 s
1V
0V
VIN
VOUT
0V
BOTTOM SCALE: 1V/DIV
TOP SCALE: 200mV/DIV
Figure 23. Positive Overvoltage
Recovery
VSY = +2.7V
FREQUENCY – Hz
140
80
0
100
1k
10M
10k
100k
1M
60
120
20
40
100
Figure 26. CMRR vs. Frequency
at +2.7 V
CAPACITANCE – pF
10
100
10k
1k
50
45
0
40
35
30
25
20
15
10
5
+OS
OS
VSY = 1.35V
RL = 2k
TA = +25 C
Figure 21. Small Signal Overshoot
vs. Load Capacitance at +2.7 V
VSY = 2.5V
VIN = +200mV p-p
(RET TO GND)
CL = 0pF
RL = 10k
AV = 100
20 s
1V
VIN
0V
0V
VOUT
BOTTOM SCALE: 1V/DIV
TOP SCALE: 200mV/DIV
Figure 24. Negative Overvoltage
Recovery
FREQUENCY – Hz
140
80
0
100
1k
10M
10k
100k
1M
60
120
20
40
100
VSY = +5V
Figure 27. CMRR vs. Frequency
at +5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com