Electronic Components Datasheet Search
  English  ▼

X  

AD8592 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8592
Description  CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8592 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8592 Datasheet HTML 5Page - Analog Devices AD8592 Datasheet HTML 6Page - Analog Devices AD8592 Datasheet HTML 7Page - Analog Devices AD8592 Datasheet HTML 8Page - Analog Devices AD8592 Datasheet HTML 9Page - Analog Devices AD8592 Datasheet HTML 10Page - Analog Devices AD8592 Datasheet HTML 11Page - Analog Devices AD8592 Datasheet HTML 12Page - Analog Devices AD8592 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AD8591/AD8592/AD8594
–9–
REV. A
In any application, the absolute maximum junction temperature
must be limited to +150
°C. If this junction temperature is ex-
ceeded, the device could suffer premature failure. If the output
voltage and output current are in phase, for example, with a
purely resistive load, the power dissipated by the AD859x can
be found as:
PI
V
V
ISS
SY
OUT
D
LOAD
=×
()
–
(4)
Where
ILOAD = AD859x output load current
VSY = AD859x supply voltage; and
VOUT = The output voltage
By calculating the power dissipation of the device and using the
thermal resistance value for a given package type, the maximum
allowable ambient temperature for an application can be found
using Equation 3.
Capacitive Loading
The AD859x exhibits excellent capacitive load driving capabilities
and can drive up to 10 nF directly. Although the device is stable
with large capacitive loads, there is a decrease in amplifier band-
width as the capacitive load increases. Figure 31 shows a graph of
the AD8592 unity gain bandwidth under various capacitive loads.
CAPACITIVE LOAD – nF
4
3.5
0
0.01
100
0.1
110
2
1.5
1
0.5
3
2.5
VS = 2.5V
RL = 1k
TA = +25 C
Figure 31. Unity Gain Bandwidth vs. Capacitive Load
When driving heavy capacitive loads directly from the AD859x
output, a snubber network can be used to improve transient
response. This network consists of a series R-C connected from
the amplifier’s output to ground, placing it in parallel with the
capacitive load. The configuration is shown in Figure 32. Al-
though this network will not increase the bandwidth of the am-
plifier, it will significantly reduce the amount of overshoot, as
shown in Figure 33.
+5V
RS
5
VOUT
VIN
100mV p-p
AD8592
CL
47nF
CS
1 F
Figure 32. Configuration for Snubber Network to
Compensate for Capacitive Loads
10
0%
10 s
50mV
100
90
50mV
47nF LOAD
ONLY
SNUBBER
IN CIRCUIT
Figure 33. Snubber Network Reduces Overshoot and
Ringing Caused from Driving Heavy Capacitive Loads
The optimum values for the snubber network should be determined
empirically based on the size of the capacitive load. Table I shows a
few sample snubber network values for a given load capacitance.
Table I. Snubber Networks for Large Capacitive Loads
Load Capacitance
Snubber Network
(CL)(RS, CS)
0.47 nF
300
Ω, 0.1 µF
4.7 nF
30
Ω, 1 µF
47 nF
5
Ω, 1 µF
A PC-98 Compliant Headphone/Speaker Amplifier
Because of its high output current performance and shutdown
feature, the AD8592 makes an excellent amplifier for driving an
audio output jack in a computer application. Figure 34 shows
how the AD8592 can be interfaced with an AC97 codec to drive
headphones or speakers.
U1-A
R2
2k
4
C1
100 F
+5V
1
10
2
3
5
+5V
VDD
VDD
LEFTOUT
AD1881
(AC97)
RIGHTOUT
VSS
R4
20
+5V
R1
100k
7
8
6
9
R5
20
C2
100 F
NOTE: ADDITIONAL PINS
OMITTED FOR CLARITY
U1-B
U1 = AD8592
R3
2k
NC
28
35
36
Figure 34. A PC-98 Compliant Headphone/Line Out Amplifier
When headphones are plugged into the jack, the normalizing con-
tacts disconnect from the audio contacts. This allows the voltage to
the AD8592 shutdown pins to be pulled up to +5 V, activating the
amplifiers. With no plug in the output jack, the shutdown voltage is
pulled to 100 mV through the R1 and R3 + R5 voltage divider.
This powers the AD8592 down when it is not needed, saving
current from the power supply or battery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com