Electronic Components Datasheet Search
  English  ▼

X  

AD8614 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8614
Description  Single and Quad 18 V Operational Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8614 Datasheet(HTML) 1 Page - Analog Devices

  AD8614 Datasheet HTML 1Page - Analog Devices AD8614 Datasheet HTML 2Page - Analog Devices AD8614 Datasheet HTML 3Page - Analog Devices AD8614 Datasheet HTML 4Page - Analog Devices AD8614 Datasheet HTML 5Page - Analog Devices AD8614 Datasheet HTML 6Page - Analog Devices AD8614 Datasheet HTML 7Page - Analog Devices AD8614 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD8614/AD8644
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
Single and Quad +18 V
Operational Amplifiers
PIN CONFIGURATIONS
5-Lead SOT-23
(RT Suffix)
1
2
3
5
4
IN
+IN
V+
OUT A
AD8614
V
14-Lead TSSOP
(RU Suffix)
OUT A
IN A
IN A
V
IN D
IN D
V
OUT D
114
IN B
IN B
OUT B
IN C
OUT C
IN C
78
AD8644
14-Lead Narrow Body SO
(R Suffix)
14
13
12
11
10
9
8
1
2
3
4
5
6
7
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
OUT A
AD8644
FEATURES
Unity Gain Bandwidth: 5.5 MHz
Low Voltage Offset: 1.0 mV
Slew Rate: 7.5 V/ s
Single-Supply Operation: 5 V to 18 V
High Output Current: 70 mA
Low Supply Current: 800
A/Amplifier
Stable with Large Capacitive Loads
Rail-to-Rail Inputs and Outputs
APPLICATIONS
LCD Gamma and VCOM Drivers
Modems
Portable Instrumentation
Direct Access Arrangement
GENERAL DESCRIPTION
The AD8614 (single) and AD8644 (quad) are single-supply,
5.5 MHz bandwidth, rail-to-rail amplifiers optimized for LCD
monitor applications.
They are processed using Analog Devices high voltage, high speed,
complementary bipolar process—HV XFCB. This proprietary
process includes trench isolated transistors that lower internal
parasitic capacitance which improves gain bandwidth, phase mar-
gin and capacitive load drive. The low supply current of 800
µA
(typ) per amplifier is critical for portable or densely packed designs.
In addition, the rail-to-rail output swing provides greater dynamic
range and control than standard video amplifiers provide.
These products operate from supplies of 5 V to as high as
18 V. The unique combination of an output drive of 70 mA,
high slew rates, and high capacitive drive capability makes the
AD8614/AD8644 an ideal choice for LCD applications.
The AD8614 and AD8644 are specified over the temperature
range of –20
°C to +85°C. They are available in 5-lead SOT-23,
14-lead TSSOP and 14-lead SOIC surface mount packages in
tape and reel.


Similar Part No. - AD8614

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8614 AD-AD8614 Datasheet
339Kb / 16P
Single and Quad 18 V Operational Amplifiers
Rev. B
AD8614ART-R2 AD-AD8614ART-R2 Datasheet
339Kb / 16P
Single and Quad 18 V Operational Amplifiers
Rev. B
AD8614ART-R2 AD-AD8614ART-R2 Datasheet
339Kb / 16P
Single and Quad 18 V Operational Amplifiers
REV. B
AD8614ART-REEL AD-AD8614ART-REEL Datasheet
339Kb / 16P
Single and Quad 18 V Operational Amplifiers
Rev. B
AD8614ART-REEL AD-AD8614ART-REEL Datasheet
339Kb / 16P
Single and Quad 18 V Operational Amplifiers
REV. B
More results

Similar Description - AD8614

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC3301 MOTOROLA-MC3301 Datasheet
548Kb / 10P
QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8614 AD-AD8614_07 Datasheet
339Kb / 16P
Single and Quad 18 V Operational Amplifiers
Rev. B
logo
ON Semiconductor
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM224DR2G ONSEMI-LM224DR2G Datasheet
184Kb / 15P
Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
logo
Analog Devices
AD8614ARTZ AD-AD8614ARTZ Datasheet
339Kb / 16P
Single and Quad 18 V Operational Amplifiers
REV. B
AD8644 AD-AD8644_15 Datasheet
339Kb / 16P
Single and Quad 18 V Operational Amplifiers
REV. B
logo
ON Semiconductor
LM324S ONSEMI-LM324S Datasheet
96Kb / 8P
Single Supply Quad Operational Amplifiers
October, 2014 ??Rev. 0
logo
Texas Instruments
LMV931-N TI1-LMV931-N Datasheet
1Mb / 40P
Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
logo
ON Semiconductor
LM324 ONSEMI-LM324_16 Datasheet
143Kb / 14P
Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
MC3403 ONSEMI-MC3403_12 Datasheet
154Kb / 9P
Single Supply Quad Operational Amplifiers
January, 2012 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com