Electronic Components Datasheet Search
  English  ▼

X  

AD8606ARM Datasheet(PDF) 16 Page - Analog Devices

Part # AD8606ARM
Description  Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8606ARM Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8606ARM Datasheet HTML 12Page - Analog Devices AD8606ARM Datasheet HTML 13Page - Analog Devices AD8606ARM Datasheet HTML 14Page - Analog Devices AD8606ARM Datasheet HTML 15Page - Analog Devices AD8606ARM Datasheet HTML 16Page - Analog Devices AD8606ARM Datasheet HTML 17Page - Analog Devices AD8606ARM Datasheet HTML 18Page - Analog Devices AD8606ARM Datasheet HTML 19Page - Analog Devices AD8606ARM Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD8605/AD8606/AD8608
Rev. D | Page 16 of 20
I-V CONVERSION APPLICATIONS
PHOTODIODE PREAMPLIFIER APPLICATIONS
The low offset voltage and input current of the AD8605 make it
an excellent choice for photodiode applications. In addition, the
low voltage and current noise make the amplifier ideal for
application circuits with high sensitivity.
RD
ID
CD
50pF
AD8605
VOUT
PHOTODIODE
+VOS–
RF
10M
Ω
CF
10pF
Figure 51. Equivalent Circuit for Photodiode Preamp
The input bias current of the amplifier contributes an error
term that is proportional to the value of RF.
The offset voltage causes a dark current induced by the shunt
resistance of the diode RD. These error terms are combined at
the output of the amplifier. The error voltage is written as
B
F
D
F
OS
O
I
R
R
R
V
E
+
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
=
1
Typically, RF is smaller than RD, thus RF/RD can be ignored.
At room temperature, the AD8605 has an input bias current of
0.2 pA and an offset voltage of 100 µV. Typical values of RD are
in the range of 1 GΩ.
For the circuit shown in Figure 9, the output error voltage is
approximately 100 µV at room temperature, increasing to about
1 mV at 85°C.
Where ft is the unity gain frequency of the amplifier, the
maximum achievable signal bandwidth is
T
F
t
MAX
C
R
f
f
π
=
2
AUDIO AND PDA APPLICATIONS
The AD8605’s low distortion and wide dynamic range make it a
great choice for audio and PDA applications, including
microphone amplification and line output buffering.
Figure 52 shows a typical application circuit for headphone/line
out amplification.
R1 and R2 are used to bias the input voltage at half the supply.
This maximizes the signal bandwidth range. C1 and C2 are used
to ac couple the input signal. C1 and R2 form a high-pass filter
whose corner frequency is 1/2πR1C1.
The high output current of the AD8605 allows it to drive heavy
resistive loads.
The circuit of Figure 52 was tested to drive a 16 W headphone.
The THD + N is maintained at approximately −60 dB
throughout the audio range.
5V
4
2
3
8
1
HEADPHONES
5V
4
6
5
8
7
C1
1
µF
R1
10k
Ω
R2
10k
Ω
V1
500mV
1/2
AD8606
C3
100
µF
R4
20
Ω
R3
1k
Ω
1/2
AD8606
C4
100
µF
R6
20
Ω
R5
1k
Ω
C2
1
µF
V2
500mV
Figure 52. Single-Supply Headphone/Speaker Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com