Electronic Components Datasheet Search
  English  ▼

X  

AD8631 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8631
Description  1.8 V, 5 MHz Rail-to-Rail Low Power Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8631 Datasheet(HTML) 3 Page - Analog Devices

  AD8631 Datasheet HTML 1Page - Analog Devices AD8631 Datasheet HTML 2Page - Analog Devices AD8631 Datasheet HTML 3Page - Analog Devices AD8631 Datasheet HTML 4Page - Analog Devices AD8631 Datasheet HTML 5Page - Analog Devices AD8631 Datasheet HTML 6Page - Analog Devices AD8631 Datasheet HTML 7Page - Analog Devices AD8631 Datasheet HTML 8Page - Analog Devices AD8631 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
–3–
REV. 0
AD8631/AD8632
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
0.8
4.0
mV
–40 C
≤ TA ≤ +125 C6
mV
Input Bias Current
IB
250
nA
Input Offset Current
IOS
±150
nA
Input Voltage Range
VCM
0
2.2
V
Common-Mode Rejection Ratio
CMRR
0 V
≤ V
CM
≤ 2.2 V,
54
70
dB
–40 C
≤ TA ≤ +125 C47
dB
Large Signal Voltage Gain
AVO
RL = 10 k
Ω, 0.5 V < VOUT < 1.7 V
25
V/mV
RL = 100 k
Ω
50
200
V/mV
OUTPUT CHARACTERISTICS
Output Voltage Swing High
VOH
IL = 100
µA
2.165
V
IL = 750
µA
1.9
V
Output Voltage Swing Low
VOL
IL = 100
µA35
mV
IL = 750
µA
200
mV
POWER SUPPLY
Supply Current/Amplifier
ISY
VOUT = 1.1 V
250
350
µA
–40 C
≤ TA ≤ +125 C
500
µA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 10 k
Ω
2.5
V/
µs
Gain Bandwidth Product
GBP
4.3
MHz
Phase Margin
φm
50
Degrees
NOISE PERFORMANCE
Voltage Noise Density
en
f = 1 kHz
23
nV/
√Hz
Current Noise Density
in
f = 1 kHz
1.7
pA/
√Hz
Specifications subject to change without notice.
(VS = 2.2 V, V– = 0 V, VCM = 1.1 V, TA = 25 C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com