Electronic Components Datasheet Search
  English  ▼

X  

AD871 Datasheet(PDF) 1 Page - Analog Devices

Part # AD871
Description  Complete 12-Bit 5 MSPS Monolithic A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD871 Datasheet(HTML) 1 Page - Analog Devices

  AD871 Datasheet HTML 1Page - Analog Devices AD871 Datasheet HTML 2Page - Analog Devices AD871 Datasheet HTML 3Page - Analog Devices AD871 Datasheet HTML 4Page - Analog Devices AD871 Datasheet HTML 5Page - Analog Devices AD871 Datasheet HTML 6Page - Analog Devices AD871 Datasheet HTML 7Page - Analog Devices AD871 Datasheet HTML 8Page - Analog Devices AD871 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FUNCTIONAL BLOCK DIAGRAM
T/H
A/D
4
D/A
T/H
A/D
4
D/A
T/H
A/D
3
D/A
A/D
4
CORRECTION LOGIC
+2.5V
REFERENCE
12
OUTPUT BUFFERS
VINA
VINB
CLOCK
REF IN
REF OUT
AVDD
AVSS
AGND
DVDD DGND
*DRVDD *DRGND
REF OUT
*OUTPUT
ENABLE
OTR
*MSB
MSB–BIT 12
(LSB)
*ONLY AVAILABLE ON 44 -TERMINAL SURFACE MOUNT PACKAGE
AD871
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Complete 12-Bit 5 MSPS
Monolithic A/D Converter
AD871
FEATURES
Monolithic 12-Bit 5 MSPS A/D Converter
Low Noise: 0.17 LSB RMS Referred to Input
No Missing Codes Guaranteed
Differential Nonlinearity Error: 0.5 LSB
Signal-to-Noise and Distortion Ratio: 68 dB
Spurious-Free Dynamic Range: 73 dB
Power Dissipation: 1.03 W
Complete: On-Chip Track-and-Hold Amplifier and
Voltage Reference
Pin Compatible with the AD872
Twos Complement Binary Output Data
Out of Range Indicator
28-Lead Side Brazed Ceramic DIP or 44-Terminal
Surface Mount Package
PRODUCT DESCRIPTION
The AD871 is a monolithic 12-bit, 5 MSPS analog-to-digital
converter with an on-chip, high performance track-and-hold
amplifier and voltage reference. The AD871 uses a multistage
differential pipelined architecture with error correction logic to
provide 12-bit accuracy at 5 MSPS data rates and guarantees no
missing codes over the full operating temperature range. The
AD871 is a redesigned variation of the AD872 12-bit, 10 MSPS
ADC, optimized for lower noise in applications requiring sam-
pling rates of 5 MSPS or less. The AD871 is pin compatible
with the AD872, allowing the parts to be used interchangeably
as system requirements change.
The low-noise input track-and-hold (T/H) of the AD871 is ide-
ally suited for high-end imaging applications. In addition, the
T/H’s high input impedance and fast settling characteristics
allow the AD871 to easily interface with multiplexed systems
that switch multiple signals through a single A/D converter. The
dynamic performance of the input T/H also renders the AD871
suitable for sampling single channel inputs at frequencies up to
and beyond the Nyquist rate. The AD871 provides both refer-
ence output and reference input pins, allowing the onboard ref-
erence to serve as a system reference. An external reference can
also be chosen to suit the dc accuracy and temperature drift
requirements of the application. A single clock input is used to
control all internal conversion cycles. The digital output data is
presented in twos complement binary output format. An out-of-
range signal indicates an overflow condition, and can be used
with the most significant bit to determine low or high overflow.
The AD871 is fabricated on Analog Devices’ ABCMOS-1 pro-
cess, which uses high speed bipolar and CMOS transistors on a
single chip. High speed, precision analog circuits are now com-
bined with high density logic circuits.
The AD871 is packaged in a 28-lead ceramic DIP and a
44-terminal leadless ceramic surface mount package and is
specified for operation from 0
°C to +70°C and –55°C to
+125
°C.
PRODUCT HIGHLIGHTS
The AD871 offers a complete single-chip sampling 12-bit,
5 MSPS analog-to-digital conversion function in a 28-lead DIP
or 44-terminal leadless ceramic surface mount package (LCC).
Low Noise—The AD871 features 0.17 LSB referred-to-input
noise, producing essentially a “1 code wide” histogram for a
code-centered dc input.
Low Power—The AD871 at 1.03 W consumes a fraction of the
power of presently available hybrids.
On-Chip Track-and-Hold (T/H)—The low noise, high imped-
ance T/H input eliminates the need for external buffers and can
be configured for single ended or differential inputs.
Ease of Use—The AD871 is complete with T/H and voltage ref-
erence and is pin-compatible with the AD872 (12-bit, 10 MSPS
monolithic ADC).
Out of Range (OTR)—The OTR output bit indicates when the
input signal is beyond the AD871’s input range.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1997


Similar Part No. - AD871

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD871SD ETC2-AD871SD Datasheet
54Kb / 12P
MICROCIRCUIT, LINEAR, A/D CONVERTER, 12-BIT, 5 MSPS, MONOLITHIC SILICON
AD871SD883B ETC2-AD871SD883B Datasheet
54Kb / 12P
MICROCIRCUIT, LINEAR, A/D CONVERTER, 12-BIT, 5 MSPS, MONOLITHIC SILICON
AD871SE ETC2-AD871SE Datasheet
54Kb / 12P
MICROCIRCUIT, LINEAR, A/D CONVERTER, 12-BIT, 5 MSPS, MONOLITHIC SILICON
AD871SE883B ETC2-AD871SE883B Datasheet
54Kb / 12P
MICROCIRCUIT, LINEAR, A/D CONVERTER, 12-BIT, 5 MSPS, MONOLITHIC SILICON
logo
Analog Devices
AD871 AD-AD871_15 Datasheet
382Kb / 16P
Complete 12-Bit 5 MSPS Monolithic A/D Converter
REV. A
More results

Similar Description - AD871

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1672 AD-AD1672 Datasheet
465Kb / 20P
Complete 12-Bit, 3 MSPS Monolithic A/D Converter
AD872A AD-AD872A Datasheet
330Kb / 20P
Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV.A
AD9225 AD-AD9225 Datasheet
321Kb / 24P
Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV.A
AD9225 AD-AD9225_03 Datasheet
460Kb / 24P
Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. B
AD9225ARZ AD-AD9225ARZ Datasheet
914Kb / 25P
Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. C
AD9224ARSZ AD-AD9224ARSZ Datasheet
316Kb / 24P
Complete 12-Bit, 40 MSPS Monolithic A/D Converter
REV. A
AD1672 AD-AD1672_15 Datasheet
430Kb / 20P
Complete 12-Bit, 3 MSPS Monolithic A/D Converter
REV. 0
AD871 AD-AD871_15 Datasheet
382Kb / 16P
Complete 12-Bit 5 MSPS Monolithic A/D Converter
REV. A
AD872A AD-AD872A_15 Datasheet
783Kb / 20P
Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
AD9224 AD-AD9224_15 Datasheet
311Kb / 24P
Complete 12-Bit, 40 MSPS Monolithic A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com