Electronic Components Datasheet Search
  English  ▼

X  

AD876 Datasheet(PDF) 12 Page - Analog Devices

Part # AD876
Description  10-Bit 20 MSPS 160 mW CMOS A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD876 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD876 Datasheet HTML 8Page - Analog Devices AD876 Datasheet HTML 9Page - Analog Devices AD876 Datasheet HTML 10Page - Analog Devices AD876 Datasheet HTML 11Page - Analog Devices AD876 Datasheet HTML 12Page - Analog Devices AD876 Datasheet HTML 13Page - Analog Devices AD876 Datasheet HTML 14Page - Analog Devices AD876 Datasheet HTML 15Page - Analog Devices AD876 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
REV. B
–12–
AD876
Figure 23. AD876 Evaluation Board Schematic
P1
2
P1
4
P1
6
P1
8
P1 10
P1 12
P1 14
P1 16
P1 18
P1 20
P1 22
P1 24
P1 28
P1 30
P1 32
P1 34
P1 36
P1 38
P1 40
P1 26
CLK
3_STATE
STBY
DVDD
SUBST
NC
REFTS
REFTF
NC
REFBF
REFBS
CML
AIN
AVDD
DVSS
DRVSS
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
DRVDD
AVSS
+
+
+
+5VD
JP1
C62
0.1 F
STBY
VP6
C50
10 F
REFTS
VP3
REFBF
VP2
VP4
REFBS
C4
10 F
R17
1.13k
R16
1k
R14
100
DC_IN
REFTF
VP1
AIN
J2
TP2
R15
51
C1
0.1 F
JP5
TP18
EXT_CM 23
1
INT_CM
R18
1k
+5VD
JP4
VP8
REFTS
REFTF
REFBF
REFBS
C64
0.1 F
C56
0.1 F
C2
10 F
+5VA
G1
G2
A7
A6
A5
A4
A3
A2
A1
A0
Y7
Y6
Y5
Y4
Y3
Y2
Y1
Y0
U3
G1
G2
A7
A6
A5
A4
A3
A2
A1
A0
Y7
Y6
Y5
Y4
Y3
Y2
Y1
Y0
U2
74ALS541
+
U1
AD876
14
13
12
11
10
9
8
7
6
5
4
3
2
1
9
8
7
6
5
4
3
2
1
0
15
16
17
18
19
20
21
22
23
24
25
26
27
28
5
6
7
8
9
9
8
7
6
5
4
3
2
19
1
11
12
13
14
15
16
17
18
D5
D6
D7
D8
D9
0
1
2
4
9
8
7
6
4
3
2
19
1
5
11
12
13
14
15
16
17
18
D0
D1
D2
D3
D4
3
74ALS541
U4
74F04
U4
74F04
1
2
JP2
TP4
CLK_IN
TP1
J1
R1
51
3ST
VP5
C3
47 F
+5VD
C49
10 F
C54
0.1 F
D9
D8
D5
D7
D6
D4
D3
D0
D2
D1
R2
*
R3
*
R4
*
R5*
R6*
R7*
R8
*
R9*
R10*
R11
*
R12
*
P1
1
P1
3
P1
5
P1
7
P1
9
P1 11
P1 13
P1 15
P1 17
P1 19
P1 21
P1 23
P1 27
P1 29
P1 31
P1 33
P1 35
P1 37
P1 39
P1 25
4
3
TP3
*R2–R12 = 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com