Electronic Components Datasheet Search
  English  ▼

X  

MJE243 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MJE243
Description  4 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 100 VOLTS 15 WATTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJE243 Datasheet(HTML) 3 Page - Motorola, Inc

  MJE243 Datasheet HTML 1Page - Motorola, Inc MJE243 Datasheet HTML 2Page - Motorola, Inc MJE243 Datasheet HTML 3Page - Motorola, Inc MJE243 Datasheet HTML 4Page - Motorola, Inc MJE243 Datasheet HTML 5Page - Motorola, Inc MJE243 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MJE243 MJE253
3
Motorola Bipolar Power Transistor Device Data
t, TIME (ms)
0.01
0.02
0.05
1.0
2.0
5.0
10
20
50
100
200
0.1
0.5
0.2
1.0
0.2
0.1
0.05
θJC(t) = r(t) θJC
θJC = 8.34°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
0.2
0 (SINGLE PULSE)
Figure 4. Thermal Response
0.5
D = 0.5
0.05
0.3
0.7
0.07
0.03
0.02
0.1
0.02
0.01
10
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
0.1
30
0.01
0.05
Figure 5. Active Region Safe Operating Area
500
µs
dc
5.0
20
10
7.0
5.0
3.0
2.0
1.0
100
µs
TJ = 150°C
0.2
0.5
1.0
2.0
0.02
1.0 ms
100
70
50
5.0 ms
BONDING WIRE LIMITED
THERMALLY LIMITED @
TC = 25°C (SINGLE PULSE)
SECOND BREAKDOWN LIMITED
CURVES APPLY BELOW
RATED VCEO
MJE243/MJE253
There are two limitations on the power handling ability of a
transistor: average junction temperature and second break-
down. Safe operating area curves indicate IC – VCE limits of
the transistor that must be observed for reliable operation;
i.e., the transistor must not be subjected to greater dissipa-
tion than the curves indicate.
The data of Figure 5 is based on TJ(pk) = 150_C; TC is
variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided TJ(pk)
v 150 _C. TJ(pk) may be calculated from the data in
Figure 4. At high case temperatures, thermal limitations will
reduce the power that can be handled to values less than the
limitations imposed by second breakdown.
10K
IC, COLLECTOR CURRENT (AMPS)
10
5K
3K
2K
1K
500
300
200
100
50
Figure 6. Turn–Off Time
30
20
0.01
0.03 0.05
0.5
0.2
0.02
0.1
0.3
10
5
2
1
3
VCC = 30 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
ts
tf
VR, REVERSE VOLTAGE (VOLTS)
10
100
100
200
50
Figure 7. Capacitance
70
50
20
10
7.0
5.0
3.0
1.0
2.0
TJ = 25°C
Cib
Cob
MJE243 (NPN)
MJE253 (PNP)
30
NPN MJE243
PNP MJE253
20
70
30



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com