Electronic Components Datasheet Search
  English  ▼

X  

AOC2413 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOC2413
Description  8V P-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOC2413 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOC2413 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOC2413 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOC2413 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOC2413 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOC2413 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AOC2413
Symbol
Min
Typ
Max
Units
BVDSS
-8
V
VDS=-8V, VGS=0V
-1
TJ=55°C
-5
IGSS
±10
µA
VGS(th)
Gate Threshold Voltage
-0.15
-0.42
-0.65
V
22.5
28
TJ=125°C
29.5
37
25
32
m
Ω
28
37
m
Ω
34
47
m
Ω
gFS
14
S
VSD
-0.52
-1
V
Ciss
1935
pF
Coss
475
pF
Crss
240
pF
Rg
1.7
K
Ω
Qg
19
27
nC
Qgs
7.5
nC
Qgd
3.5
nC
tD(on)
1.6
µs
tr
2.8
µs
tD(off)
2.7
µs
tf
6.2
µs
trr
17
ns
Qrr
9
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
VGS=-1.5V, ID=-1A
Body Diode Reverse Recovery Time
Drain-Source Breakdown Voltage
ID=-250µA, VGS=0V
VGS=-2.5V, ID=-1.5A
Reverse Transfer Capacitance
IF=-1.5A, dI/dt=100A/µs
VGS=0V, VDS=-4V, f=1MHz
SWITCHING PARAMETERS
VDS=VGS ID=-250µA
VDS=0V, VGS=±5V
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
IDSS
µA
Zero Gate Voltage Drain Current
Gate-Body leakage current
Forward Transconductance
Diode Forward Voltage
RDS(ON)
Static Drain-Source On-Resistance
m
Ω
IS=-1A,VGS=0V
VDS=-5V, ID=-1.5A
VGS=-1.8V, ID=-1A
VGS=-1.2V, ID=-1A
Total Gate Charge
VGS=-4.5V, VDS=-4V, ID=-1.5A
Gate Source Charge
Gate Drain Charge
VGS=-2.5V, VDS=-4V, RL=2.67Ω,
RGEN=3Ω
Gate resistance
Body Diode Reverse Recovery Charge IF=-1.5A, dI/dt=100A/µs
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
Turn-On Rise Time
Turn-Off DelayTime
VGS=0V, VDS=0V, f=1MHz
Turn-Off Fall Time
Rev 0: Dec. 2012
www.aosmd.com
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com