Electronic Components Datasheet Search
  English  ▼

X  

AD876ARS Datasheet(PDF) 5 Page - Analog Devices

Part # AD876ARS
Description  10-Bit 20 MSPS 160 mW CMOS A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD876ARS Datasheet(HTML) 5 Page - Analog Devices

  AD876ARS Datasheet HTML 1Page - Analog Devices AD876ARS Datasheet HTML 2Page - Analog Devices AD876ARS Datasheet HTML 3Page - Analog Devices AD876ARS Datasheet HTML 4Page - Analog Devices AD876ARS Datasheet HTML 5Page - Analog Devices AD876ARS Datasheet HTML 6Page - Analog Devices AD876ARS Datasheet HTML 7Page - Analog Devices AD876ARS Datasheet HTML 8Page - Analog Devices AD876ARS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD876
REV. B
–5–
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Options
AD876JR
0
°C to +70°C
28-Lead SOIC
R-28
AD876JST-Reel
0
°C to +70°C
48-Lead TQFP
ST-48
(Tape and Reel 13")
AD876JR-8
0
°C to +70°C
28-Lead SOIC
R-28
AD876AR
–40
°C to +85°C 28-Lead SOIC
R-28
AD876ARS
–40
°C to +85°C 28-Lead SSOP
RS-28
AD876JRS
0
°C to +70°C
28-Lead SSOP
RS-28
AD876JRS-8
0
°C to +70°C
28-Lead SSOP
RS-28
ABSOLUTE MAXIMUM RATINGS*
Parameter
With Respect to Min
Max Units
AVDD
AVSS
–0.5
+6.5
Volts
DVDD, DRVDD
DVSS, DRVSS
–0.5
+6.5
Volts
AVSS
DVSS, DRVSS
–0.5
+0.5
Volts
AIN
AVSS
–0.5
+6.5
Volts
REFTS, REFTF
REFBS, REFBF
AVSS
–0.5
+6.5
Volts
Digital Inputs, CLK
DVSS, DRVSS
–0.5
+6.5
Volts
Junction Temperature
+150
°C
Storage Temperature
–65
+150
°C
Lead Temperature
(10 sec)
+300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum
ratings for extended periods may effect device reliability.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD876 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
Figure 2. Equivalent Circuits
REFTF
REFTS
REFBS
REFBF
AVDD
AVSS
AVDD
AVSS
AVDD
AVSS
AVDD
AVSS
INTERNAL
REFERENCE
VOLTAGE
INTERNAL
REFERENCE
VOLTAGE
DRVDD
DVSS
DRVSS
DVSS
DVDD
DRVDD
DRVSS
DVSS
DVDD
AVDD
AVSS
DRVDD
DRVSS
DVSS
DVDD
c) CLK
d) AIN
a) D0–D9
b) Three-State, Standby
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com