Electronic Components Datasheet Search
  English  ▼

X  

AD9002 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9002
Description  High Speed 8-Bit Monolithic A/D Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9002 Datasheet(HTML) 7 Page - Analog Devices

  AD9002 Datasheet HTML 1Page - Analog Devices AD9002 Datasheet HTML 2Page - Analog Devices AD9002 Datasheet HTML 3Page - Analog Devices AD9002 Datasheet HTML 4Page - Analog Devices AD9002 Datasheet HTML 5Page - Analog Devices AD9002 Datasheet HTML 6Page - Analog Devices AD9002 Datasheet HTML 7Page - Analog Devices AD9002 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AD9002
–7–
REV. D
150
2N3906
OVERFLOW
D8(MSB)
D7
D6
D5
D4
D3
D2
D1(LSB)
–5.2D
–5.2A
0.01 F
0.1 F
0.1 F
0.01 F
ENCODE
ENCODE
AIN
AIN
–VREF
+VREF
AD741
HOS200
AD96687
75
AD9002*
EQUAL
DISTANCE
2k
ENCODE INPUT
(GROUND
THRESHOLD)
ANALOG
INPUT
1k
4.3k
–15V
50
AD9768
DAC
OVERFLOW
INH
10 F
3.9k
1k
0.1 F
–15V
625
1k
–5.2V
AD96687
50
0.1 F
HYSTERESIS
–5.2V
510
880
13k
1k
0.1 F
510
–5.2V
880
13k
1k
DELAY
–15V
–15V
50
0.1 F
0.01 F
90
20
90
LINE
DRIVER
100114
HOS100
HOS100
LINEARITY OUTPUT
(ERROR WAVEFORM)
RECONSTRUCTED
OUTPUT
3.75
50
1k
AD96687
AD96687
NOTE:
100114 LINE DRIVER OUTPUTS
REQUIRE 510
PULL-DOWN
RESISTORS TO –5.2V. ALL OTHER
ECL OUTPUTS SHOULD BE
TERMINATED TO –2V WITH
100
RESISTERS, UNLESS
OTHERWISE SPECIFIED.
RESISTORS ARE IN
.
CAPACITORS ARE IN
F.
REGISTER
100151
0.1 F
REFMID
*CONTACT FACTORY ABOUT
EVALUATION BOARD AVAILABILITY
DELAY
37 PIN
D
CONNECTOR
Figure 6. AD9002 Evaluation Circuit
ANALOG INPUT FREQUENCY (0.1dB BELOW FULL SCALE)
125 MSPS ENCODE RATE
65
1MHz
60
55
50
45
40
35
30
100MHz
3RD HARMONIC
2ND HARMONIC
SNR
10MHz
Figure 7. Dynamic Performance



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com