| Electronic Components Datasheet Search |
|
AD8804AR Datasheet(PDF) 13 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8804AR Datasheet(HTML) 13 Page - Analog Devices |
|
13 / 16 page ![]() AD8802/AD8804 REV. 0 –13– * LDAA $0000 Hi-byte data loaded from memory STAA SDI1 SDI1 = data in location 0000H * * Enter Contents of SDI2 Data Register * LDAA $0001 Low-byte data loaded from memory STAA SDI2 SDI2 = Data in location 0001H * LDX #SDI1 Stack pointer at 1st byte to send via SDI LDY #$1000 Stack pointer at on-chip registers * * Reset AD8802 to one-half scale (AD8804 does not have a Reset input) * BCLR PORTC,Y $02 Assert /RS BSET PORTC,Y $02 De-Assert /RS * * Get AD8802/04 ready for data input * BCLR PORTD,Y $02 Assert /CS * TFRLP LDAA 0,X Get a byte to transfer for SPI STAA SPDR Write SDI data reg to start xfer * WAIT LDAA SPSR Loop to wait for SPIF BPL WAIT SPIF is the MSB of SPSR * INX Increment counter to next byte for xfer CPX #SDI2+1 Are we done yet ? BNE TFRLP If not, xfer the second byte * * Update AD8802 output * BSET PORTD,Y $20 Latch register & update AD8802 * PULA When done, restore registers X, Y & A PULY PULX RTS ** Return to Main Program ** Listing 3. AD8802/AD8804 to MC68HC11 Interface Program Source Code An Intelligent Temperature Control System—Interfacing the 8051 C with the AD8802/AD8804 and TMP14 Connecting the 80CL51 µC, or any modern microcontroller, with the TMP14 and AD8802/AD8804 yields a powerful tem- perature control tool, as shown in Figure 27. For example, the 80CL51 µC controls the TrimDACs allowing the user to auto- matically set the temperature setpoints voltages of the TMP14 via computer or touch pad, while the TMP14 senses the tem- perature and outputs four open-collector trip-points. Feeding these trip-point outputs back to the 80CL51 µC allow it to sense whether or not a setpoint has been exceeded. Additional 80CL51 µC port pins or TMP14 trip-point outputs may then be used to change fan speed (i.e., high, medium, low, off), or increase/decrease the power level to a heater. (Please refer to the TMP14 data sheet for more applications information.) The CS (Chip Select) on the AD8802/AD8804 makes applica- tions that call for large temperature sensor arrays possible. In addition, the 12 channels of the AD8802/AD8804 allow inde- pendent setpoint control for all four trip-point outputs on up to three TMP14 temperature sensors. For example, assume that the 80CL51 µC has eight free port pins available after all user interface lines, interrupts, and the serial port lines have been assigned. The eight port pins may be used as chip selects, in which case an array of eight AD8802/AD8804s controlling twenty-four TMP14 sensors is possible. The AD8802/AD8804 and TMP14 are also ideal choices for low power applications. These devices have power shutdown modes and operate on a single 5 Volt supply. When their shut- down modes are activated current consumption is reduced to less than 35 µA. However, at high operating frequencies (12 MHz) the 80CL51 consumes far more energy (18 mA typ) than the AD8802/AD8804 and TMP14 combined. Therefore, to achieve a low power design the 80CL51 should operate at its lowest possible frequency or be placed in its power-down mode at the end of each instruction sequence. To use the power-down mode of the 80CL51 µC set PCON.1 as the last instruction executed prior to going into the power- down mode. If INT2 and INT9 are enabled, the 80CL51 µC can be awakened from power-down mode with external inter- rupts. As shown in Figure 28, the TLC555 outputs a pulse every few seconds providing the interrupt to restart the 80CL51 µC which then samples the user input pins, the outputs of the |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |