Electronic Components Datasheet Search
  English  ▼

X  

AD9042 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9042
Description  12-Bit, 41 MSPS Monolithic A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9042 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9042 Datasheet HTML 4Page - Analog Devices AD9042 Datasheet HTML 5Page - Analog Devices AD9042 Datasheet HTML 6Page - Analog Devices AD9042 Datasheet HTML 7Page - Analog Devices AD9042 Datasheet HTML 8Page - Analog Devices AD9042 Datasheet HTML 9Page - Analog Devices AD9042 Datasheet HTML 10Page - Analog Devices AD9042 Datasheet HTML 11Page - Analog Devices AD9042 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
2
3
4
5
6
7
8
9
FREQUENCY – MHz
0
–80
–120
–40
–100
–20
–60
dc
20.5
4.1
8.2
12.3
16.4
ENCODE = 41 MSPS
AIN = 1.2MHz
Figure 8. Single Tone at 1.2 MHz
4
88
5
3
7
6
2
FREQUENCY – MHz
0
–80
–120
–40
–100
–20
–60
dc
20.5
4.1
8.2
12.3
16.4
ENCODE = 41 MSPS
AIN = 9.6MHz
Figure 9. Single Tone at 9.6 MHz
2
4
68
97
5
3
FREQUENCY – MHz
0
–80
–120
–40
–100
–20
–60
dc
20.5
4.1
8.2
12.3
16.4
ENCODE = 41 MSPS
AIN = 19.5MHz
Figure 10. Single Tone at 19.5 MHz
AD9042–Typical Performance Characteristics
REV. A
–8–
ANALOG INPUT FREQUENCY – MHz
020
2
4
6
8
10
12
141618
81
79
78
77
80
ENCODE = 41 MSPS
TEMP = –40
°C, +25°C, & +85°C
T = +25
°C
T = –40
°C
T = +85
°C
Figure 11. Harmonics vs. AIN
ANALOG INPUT FREQUENCY – MHz
020
2
4
6
8
10
12
141618
70
68
67
66
69
ENCODE = 41 MSPS
TEMP = –40
°C, +25°C, & +85°C
T = +25
°C
T = –40
°C
T = +85
°C
Figure 12. Noise vs. AIN
ANALOG INPUT FREQUENCY – MHz
90
80
30
1
100
10
60
50
40
70
2
4
20
40
ENCODE = 41 MSPS
Figure 13. Harmonics vs. AIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com