Electronic Components Datasheet Search
  English  ▼

X  

AD9042AD Datasheet(PDF) 19 Page - Analog Devices

Part # AD9042AD
Description  12-Bit, 41 MSPS Monolithic A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9042AD Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9042AD Datasheet HTML 15Page - Analog Devices AD9042AD Datasheet HTML 16Page - Analog Devices AD9042AD Datasheet HTML 17Page - Analog Devices AD9042AD Datasheet HTML 18Page - Analog Devices AD9042AD Datasheet HTML 19Page - Analog Devices AD9042AD Datasheet HTML 20Page - Analog Devices AD9042AD Datasheet HTML 21Page - Analog Devices AD9042AD Datasheet HTML 22Page - Analog Devices AD9042AD Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD9042
REV. A
–19–
DIGITAL WIDEBAND RECEIVERS
Introduction
Several key technologies are now being introduced that may
forever alter the vision of radio. Figure 49 shows the typical
dual conversion superheterodyne receiver. The signal picked up
by the antenna is mixed down to an intermediate frequency (IF)
using a mixer with a variable local oscillator (LO); the variable
LO is used to “tune-in” the desired signal. This first IF is
mixed down to a second IF using another mixer stage and a
fixed LO. Demodulation takes place at the second or third IF
using either analog or digital techniques.
ADCs
VARIABLE
IF1
IF2
FIXED
NARROWBAND
FILTER
NARROWBAND
FILTER
I
Q
LNA
RF
e.g. 900MHz
SHARED
ONE RECEIVER PER CHANNEL
Figure 49. Narrowband Digital Receiver Architecture
If demodulation takes place in the analog domain then
traditional discriminators, envelop detectors, phase locked loops
or other synchronous detectors are generally employed to strip
the modulation from the selected carrier.
However, as general purpose DSP chips such as the ADSP-2181
become more popular, they will be used in many baseband-
sampled applications like the one shown in Figure 49. As
shown in the figure, prior to ADC conversion, the signal must
be mixed down, filtered, and the I and Q components separated.
These functions are realizable through DSP techniques,
however several key technology breakthroughs are required:
high dynamic range ADCs such as the AD9042, new DSPs
(highly programmable with onboard memory, fast), digital tuner
& filter (with programmable frequency and BW) and wide band
mixers (high dynamic range with >12.5 MHz BW).
WIDEBAND
ADC
FIXED
WIDEBAND
MIXER
WIDEBAND
FILTER
LNA
RF
e.g. 900MHz
SHARED
"n" CHANNELS
TO DSP
12.5MHz
(416 CHANNELS)
CHANNEL SELECTION
Figure 50. Wideband Digital Receiver Architecture
Figure 50 shows such a wideband system. This design shows
that the front end variable local oscillator has been replaced with
a fixed oscillator (for single band radios) and the back end has
been replaced with a wide dynamic range ADC, digital tuner
and DSP. This technique offers many benefits.
First, many passive discrete components have been eliminated
that formed the tuning and filtering functions. These passive
components often require “tweaking” and special handling
during assembly and final system alignment. Digital compo-
nents require no such adjustments; tuner and filter characteristics
are always exactly the same. Moreover, the tuning and filtering
characteristics can be changed through software. Since software
is used for demodulation, different routines may be used to
demodulate different standards such as AM, FM, GMSK or any
other desired standard. In addition, as new standards arise or
new software revisions are generated, they may be field installed
with standard software update channels. A radio that performs
demodulation in software as opposed to hardware is often
referred to as a soft radio because it may be changed or modified
simply through code revision.
System Description
In the wideband digital radio (Figure 50), the first down
conversion functions in much the same way as a block converter
does. An entire band is shifted in frequency to the desired
intermediate frequency. In the case of cellular base station
receivers, 5 MHz to 20 MHz of bandwidth are down-converted
simultaneously to an IF frequency suitable for digitizing with a
wideband analog-to-digital converter. Once digitized the
broadband digital data stream contains all of the in-band
signals. The remainder of the radio is constructed digitally using
special purpose and general purpose programmable DSP to
perform filtering, demodulation and signal conditioning not
unlike the analog counter parts.
In the narrowband receiver (Figure 49), the signal to be received
must be tuned. This is accomplished by using a variable local
oscillator at the first mix down stage. The first IF then uses a
narrow band filter to reject out of band signals and condition
the selected carrier for signal demodulation.
In the digital wideband receiver (Figure 50), the variable local
oscillator has been replaced with a fixed oscillator, so tuning
must be accomplished in another manner. Tuning is performed
digitally using a digital down conversion and filter chip fre-
quently called a channelizer. The term channelizer is used
because the purpose of these chips is to select one channel out
of the many within the broadband of spectrum actually present
in the digital data stream of the ADC.
DECIMATION
FILTER
LOW-PASS
FILTER
DIGITAL
TUNER
COS
SIN
DECIMATION
FILTER
LOW-PASS
FILTER
DATA
I
Q
Figure 51. Digital Channelizer
Figure 51 shows the block diagram of a typical channelizer.
Channelizers consist of a complex NCO (Numerically
Controlled Oscillator), dual multiplier (mixer), and matched
digital filters. These are the same functions that would be
required in an analog receiver, however implemented in digital
form. The digital output from the channelizer is the desired
carrier, frequently in I & Q format; all other signals have been
filtered and removed based on the filtering characteristics
desired. Since the channelizer output consists of one selected
RF channel, one tuner chip is required for each frequency
received, although only one wideband RF receiver is needed for
the entire band. Data from the channelizer may then be
processed using a digital signal processor such as the ADSP-
2181 or the SHARC processor, the ADSP-21062. This data
may then be processed through software to demodulate the
information from the carrier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com