Electronic Components Datasheet Search
  English  ▼

X  

AD9054 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9054
Description  8-Bit, 200 MSPS A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9054 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9054 Datasheet HTML 4Page - Analog Devices AD9054 Datasheet HTML 5Page - Analog Devices AD9054 Datasheet HTML 6Page - Analog Devices AD9054 Datasheet HTML 7Page - Analog Devices AD9054 Datasheet HTML 8Page - Analog Devices AD9054 Datasheet HTML 9Page - Analog Devices AD9054 Datasheet HTML 10Page - Analog Devices AD9054 Datasheet HTML 11Page - Analog Devices AD9054 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD9054
–8–
REV. 0
ENCODE PULSEWIDTH – ns
50
38
30
0.0
5.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
48
40
36
32
44
42
34
46
FS = 200MSPS
FIN = 10.3MHz
SNR
SINAD
Figure 15. SNR vs. Clock Pulsewidth, (tPWH): fS = 200 MSPS
TC – C
46
38
–60
100
–40
–20
0
20
40
60
80
45
42
41
40
39
44
43
20MHz
50MHz
70MHz
Figure 16. SINAD vs. Temperature: fS = 135 MSPS
TC – C
46
38
–60
100
–40
–20
0
20
40
60
80
45
42
41
40
39
44
43
20MHz
50MHz
70MHz
Figure 17. SINAD vs. Temperature: fS = 200 MSPS
fS – MSPS
–70
–50
25
225
50
100
150
200
250
300
–68
–58
–56
–54
–52
–64
–60
–66
–62
–48
–46
75
125
175
270
3RD HARMONIC
2ND HARMONIC
Figure 18. Harmonic Distortion vs. fS:fIN = 19.7 MHz
fS – MSPS
–60
0
25
300
50
100
150
225
270
75
125
175
200
250
–40
–20
–10
–50
–30
2ND HARMONIC
3RD HARMONIC
Figure 19. Harmonic Distortion vs. fS:fIN = 70.1 MHz
TC – C
–40
–70
–60
100
–40
–20
0
20
40
60
80
–45
–50
–55
–60
–65
70MHz
50MHz
20MHz
Figure 20. 2nd Harmonic vs. Temperature: fS = 135 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com