Electronic Components Datasheet Search
  English  ▼

X  

AD9042D Datasheet(PDF) 5 Page - Analog Devices

Part # AD9042D
Description  12-Bit, 41 MSPS Monolithic A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9042D Datasheet(HTML) 5 Page - Analog Devices

  AD9042D Datasheet HTML 1Page - Analog Devices AD9042D Datasheet HTML 2Page - Analog Devices AD9042D Datasheet HTML 3Page - Analog Devices AD9042D Datasheet HTML 4Page - Analog Devices AD9042D Datasheet HTML 5Page - Analog Devices AD9042D Datasheet HTML 6Page - Analog Devices AD9042D Datasheet HTML 7Page - Analog Devices AD9042D Datasheet HTML 8Page - Analog Devices AD9042D Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD9042
REV. A
–5–
AD9042AST PIN DESCRIPTIONS
Pin No. Name
Function
1, 2
DVCC
+5 V Power Supply (Digital).
Powers output stage only.
3
ENCODE
Encode input. Data conversion
initiated on rising edge.
4
ENCODE
Complement of ENCODE. Drive
differentially with ENCODE or
bypass to Ground for single-ended
clock mode.
5, 6
GND
Ground.
7
AIN
Analog Input.
8VOFFSET
Voltage Offset Input. Sets mid-
point of analog input range.
Normally tied to VREF through
50
Ω resistor.
9VREF
Internal Voltage Reference.
Nominally +2.4 V; normally tied
to VOFFSET through 50 Ω resistor.
Bypass to Ground with 0.1
µF +
0.01
µF microwave chip cap.
10
C1
Internal Bias Point. Bypass to
ground with 0.01
µF cap.
11, 12
AVCC
+5 V Power Supply (Analog).
13, 14
GND
Ground.
15, 16
AVCC
+5 V Power Supply (Analog).
17, 18
GND
Ground.
19, 20
AVCC
+5 V Power Supply (Analog).
21
GND
Ground.
22
GND
Ground.
23
NC
No Connects.
24
GND
Ground.
25
D0 (LSB)
Digital Output Bit
(Least Significant Bit)
26–33
D1–D8
Digital Output Bits
34, 35
GND
Ground.
36, 37
DVCC
+5 V Power Supply (Digital).
Powers output stage only.
38, 39
GND
Ground.
40, 41
DVCC
+5 V Power Supply (Digital).
Powers Output Stage only.
42, 43
D9–D10
Digital Output Bits.
44
D11
(MSB)
1
Digital Output Bit
(Most Significant Bit).
NOTE
1Output coded as twos complement.
AD9042AD PIN DESCRIPTIONS
Pin No.
Name
Function
1
GND
Ground.
2DVCC
+5 V Power Supply (Digital).
Powers output stage only.
3
GND
Ground.
4
ENCODE
Encode input. Data conversion
initiated on rising edge.
5
ENCODE
Complement of ENCODE. Drive
differentially with ENCODE or
bypass to Ground for single-ended
clock mode.
6, 7
GND
Ground.
8
AIN
Analog Input.
9VOFFSET
Voltage Offset Input. Sets mid-
point of analog input range.
Normally tied to VREF through
50
Ω resistor.
10
VREF
Internal Voltage Reference.
Nominally +2.4 V; normally tied
to VOFFSET through 50 Ω resistor.
Bypass to Ground with 0.1
µF cap.
11
GND
Ground.
12
AVCC
+5 V Power Supply (Analog).
13
GND
Ground.
14
AVCC
+5 V Power Supply (Analog).
15, 16
NC
No Connects.
17
D0 (LSB)
Digital Output Bit.
(Least Significant Bit).
18–27
D1–D10
Digital Output Bits.
28
D11
(MSB)
1
Digital Output Bit
(Most Significant Bit).
NOTE
1Output coded as twos complement.
AD9042 CUSTOM 28-PIN DIP PACKAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com