Electronic Components Datasheet Search
  English  ▼

X  

KT101Z Datasheet(PDF) 3 Page - COSMO Electronics Corporation

Part # KT101Z
Description  4Pin Phototransistor Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KT101Z Datasheet(HTML) 3 Page - COSMO Electronics Corporation

  KT101Z Datasheet HTML 1Page - COSMO  Electronics Corporation KT101Z Datasheet HTML 2Page - COSMO  Electronics Corporation KT101Z Datasheet HTML 3Page - COSMO  Electronics Corporation KT101Z Datasheet HTML 4Page - COSMO  Electronics Corporation KT101Z Datasheet HTML 5Page - COSMO  Electronics Corporation KT101Z Datasheet HTML 6Page - COSMO  Electronics Corporation KT101Z Datasheet HTML 7Page - COSMO  Electronics Corporation KT101Z Datasheet HTML 8Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PRODUCT SPECIFICATION
DATE:12/20/2012
No. 61P04158
cosmo
ELECTRONICS CORPORATION
Photocoupler:
KT101Z
SHEET 3 OF 8
REV
1
●
Absolute Maximum Ratings(TA=25℃)
Parameter
Symbol
Rating
Unit
Forward current
IF
50
mA
Peak forward current
IFP
1
A
Reverse voltage
VR
6
V
Input
Power dissipation
PD
100
mW
Collector-emitter voltage
VCEO
80
V
Emitter-collector voltage
VECO
7
V
Collector current
IC
50
mA
Output
Collector power dissipation
PC
150
mW
Total power dissipation
Ptot
250
mW
Isolation voltage 1 minute
Viso
5000
Vrms
Operating temperature
Topr
-55 to +115
℃
Storage temperature
Tstg
-55 to +125
℃
Soldering temperature 10 second
Tsol
260
℃
●
Electro-optical Characteristics(TA=25℃)
Parameter
Symbol
Conditions
MIN.
TYP. MAX. Unit
Forward voltage
VF
IF=10mA
–
1.2
1.8
V
Reverse current
IR
VR=4V
–
–
10
uA
Input
Terminal capacitance
Ct
V=0, f=1kHZ
–
30
250
pF
Collector dark current
ICEO
VCE=20V, IF=0
–
–
0.1
uA
Collector-emitter breakdown
voltage
BVCEO Ic=0.1mA, IF=0
80
-
-
V
Output
Emitter-collector breakdown
voltage
BVECO IE=0.1mA, IF=0
7
-
-
V
Current transfer ratio
CTR
IF=0.1mA,
VCE=5V
50
–
600
%
Collector-emitter saturation
voltage
VCE(sat) IF=10mA, Ic=1mA
–
0.1
0.3
V
Isolation resistance
Riso
DC500V, 40 to 60%RH
5x10
10
10
11
–
ohm
Floating capacitance
Cf
V=0, f=1MHZ
–
0.6
1.0
pF
Rise time
tr
–
11
–
us
Transfer
charac-
teristics
Fall time
tf
Vcc=2V,Ic=2mA,RL=100ohm
–
11
–
us
●
Classification table of current transfer
ratio is shown below.
CTR RANK
CTR(%)
KT101ZA
63 TO 125
KT101ZB
100 TO 200



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com