Electronic Components Datasheet Search
  English  ▼

X  

KTLP161L Datasheet(PDF) 5 Page - COSMO Electronics Corporation

Part # KTLP161L
Description  Pb free and RoHS compliant
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KTLP161L Datasheet(HTML) 5 Page - COSMO Electronics Corporation

  KTLP161L Datasheet HTML 1Page - COSMO  Electronics Corporation KTLP161L Datasheet HTML 2Page - COSMO  Electronics Corporation KTLP161L Datasheet HTML 3Page - COSMO  Electronics Corporation KTLP161L Datasheet HTML 4Page - COSMO  Electronics Corporation KTLP161L Datasheet HTML 5Page - COSMO  Electronics Corporation KTLP161L Datasheet HTML 6Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PRODUCT SPECIFICATION
DATE:01/04/2013
cosmo
ELECTRONICS CORPORATION
Photocoupler:
KTLP161L
NO. 61P44005
REV.
4
SHEET 5 OF 6
On-State Characteristics
Leakage with LED off vs.
Ambient Temperature
0
+100
+1
+2
+3
-1
-2
-3
0
+200
+300
+400
-400
-200
-300
-100
IF=30mA,f=60Hz,Ta=25°C
Output Pulse Width 80us
IF=0,VDRM=Rated
60
10
20
5
-40 -20
20
040
500
100
50
200
80 100 115
On-State Voltage( V )
Ambient Temperature Ta ( ℃ )
Trigger Current vs. Ambient
Temperature
Inhibit Voltage vs.
Ambient Temperature
100
0
-40
20
40
80
60
Normalized To Ta=25°C
1.0
1.1
1.2
1.3
1.4
0.9
0.8
0.7
-20
0.6
1.5
0.5
0.4
0.3
1.6
115
Normalized to Ta=25°C
80
1.2
-20
0.5
-40
0.3
0.4
0.9
0.7
0.6
0.8
1.0
1.1
020
40 60
1.6
1.4
1.3
1.5
100 115
Ambient Temperature Ta ( ℃ )
Ambient Temperature Ta ( ℃ )
IDRM2 ,Leakage in Inhibit vs.
Ambient Temperature
IF=Rated IFT
80
0.6
-20
-40
020
40 60
1.3
0.9
0.7
0.8
1.1
1.0
1.2
1.6
1.4
1.5
100115
Ambient Temperature Ta ( ℃ )



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com