Electronic Components Datasheet Search
  English  ▼

X  

AD9070 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9070
Description  10-Bit, 100 MSPS A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9070 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9070 Datasheet HTML 3Page - Analog Devices AD9070 Datasheet HTML 4Page - Analog Devices AD9070 Datasheet HTML 5Page - Analog Devices AD9070 Datasheet HTML 6Page - Analog Devices AD9070 Datasheet HTML 7Page - Analog Devices AD9070 Datasheet HTML 8Page - Analog Devices AD9070 Datasheet HTML 9Page - Analog Devices AD9070 Datasheet HTML 10Page - Analog Devices AD9070 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MHz
0
–60
–100
050
5
1015202530354045
–10
–50
–70
–90
–30
–40
–80
–20
FUNDAMENTAL = –1.0dBfs
SNR = 58.5dB
SINAD = 58.0dB
2nd HARMONIC = –76.8dB
3rd HARMONIC = –68.1dB
Figure 7. Spectrum: fS = 100 MSPS, fIN = 10 MHz
MHz
0
–60
–100
050
5
1015202530354045
–10
–50
–70
–90
–30
–40
–80
–20
FUNDAMENTAL = –1.0dBfs
SNR = 56.8dB
SINAD = 55.0dB
2nd HARMONIC = –66.6dB
3rd HARMONIC = –60.8dB
Figure 8. Spectrum: fS = 100 MSPS, fIN = 40 MHz
MHz
0
–60
–100
050
5
1015202530354045
–10
–50
–70
–90
–30
–40
–80
–20
F1 = 9.57MHz
F2 = 10.3MHz
F1 = F2 = –7.0dBfs
Figure 9. Two Tone Intermodulation Distortion
Typical Performance Characteristics–AD9070
–7–
REV. B
MHz
0
–60
–100
050
5
1015202530354045
–10
–50
–70
–90
–30
–40
–80
–20
F1 = 40.1MHz
F2 = 41.0MHz
F1 = F2 = –7.0dBfs
Figure 10. Two Tone Intermodulation Distortion
FIN – MHz
60
20
0
160
20
40
60
80
100
120
140
55
40
35
30
25
50
45
SNR
SINAD
NYQUIST
FREQUENCY
(50 MHz)
Figure 11. SNR vs. fIN; fS = 100 MSPS
FS – MSPS
60
40
0
160
20
40
60
80
100
120
140
54
48
46
44
42
52
50
58
56
SNR
SINAD
Figure 12. SNR vs. fS: fIN = 10.3 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com