Electronic Components Datasheet Search
  English  ▼

X  

MBR30040CT Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # MBR30040CT
Description  Silicon Schottky Diode, 300A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

MBR30040CT Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  MBR30040CT Datasheet HTML 1Page - Naina Semiconductor ltd. MBR30040CT Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Naina Semiconductor Ltd.
MBR30020CT thru
MBR30040CTR
1
D-95, Sector 63, Noida – 201301, India
•
Tel: 0120-4205450
•
Fax: 0120-4273653
sales@nainasemi.com
•
www.nainasemi.com
Silicon Schottky Diode, 300A
Features
•
Guard Ring Protection
•
Low forward voltage drop
•
High surge current capability
•
Up to 100V VRRM
Maximum Ratings (TJ = 25
oC unless otherwise specified)
Parameter
Symbol
Conditions
MBR30020CT
(R)
MBR30030CT
(R)
MBR30035CT
(R)
MBR30040CT
(R)
Units
Repetitive peak
reverse voltage
VRRM
20
30
35
40
V
RMS reverse voltage
VRMS
14
21
25
28
V
DC blocking voltage
VDC
20
30
35
40
V
Average forward
current
IF(AV)
TC ≤ 140
oC
300
300
300
300
A
Non-repetitive
forward surge
current, half sine-
wave
IFSM
TC = 25
oC
tp = 8.3 ms
2500
2500
2500
2500
A
Electrical Characteristics (TJ = 25
oC unless otherwise specified)
Parameter
Symbol
Conditions
MBR30020CT
(R)
MBR30030CT
(R)
MBR30035CT
(R)
MBR30040CT
(R)
Units
DC forward voltage
VF
IF = 150 A
TJ = 25
oC
0.68
0.68
0.68
0.68
V
DC reverse current
IR
VR = 20 V
TJ = 25
oC
8
8
8
8
mA
VR = 20 V
TJ = 125
oC
200
200
200
200
Thermal Characteristics (TJ = 25
oC unless otherwise specified)
Parameter
Symbol
MBR30020CT
(R)
MBR30030CT
(R)
MBR30035CT
(R)
MBR30040CT
(R)
Units
Thermal resistance
junction to case
RthJ-C
0.4
0.4
0.4
0.4
oC/W
Operating, storage
temperature range
TJ , Tstg
- 40 to +175
- 40 to +175
- 40 to +175
- 40 to +175
oC
TWIN TOWER PACKAGE


Similar Part No. - MBR30040CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR30040CT MCC-MBR30040CT Datasheet
132Kb / 3P
300 Amp Rectifier 20 to 100 Volts Schottky Barrier
logo
GeneSiC Semiconductor, ...
MBR30040CT GENESIC-MBR30040CT Datasheet
716Kb / 3P
Silicon Power Schottky Diode
MBR30040CTL GENESIC-MBR30040CTL Datasheet
445Kb / 3P
High Surge Capability
logo
America Semiconductor, ...
MBR30040CTR AMERICASEMI-MBR30040CTR Datasheet
446Kb / 2P
Silicon Power Schottky Diode
logo
GeneSiC Semiconductor, ...
MBR30040CTR GENESIC-MBR30040CTR Datasheet
445Kb / 3P
High Surge Capability
More results

Similar Description - MBR30040CT

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAS52 INFINEON-BAS52 Datasheet
394Kb / 4P
Silicon Schottky Diode
Nov-04-2002
BAS140W INFINEON-BAS140W Datasheet
506Kb / 8P
Silicon Schottky Diode
Jan-16-200
logo
Continental Device Indi...
UBMS10BC CDIL-UBMS10BC Datasheet
122Kb / 3P
SILICON SCHOTTKY DIODE
logo
Guangdong Kexin Industr...
BAT17-04W KEXIN-BAT17-04W Datasheet
47Kb / 1P
Silicon Schottky Diode
logo
Naina Semiconductor ltd...
MUR30005CT NAINA-MUR30005CT Datasheet
139Kb / 2P
Super Fast Recovery Diode, 300A
MUR30040CT NAINA-MUR30040CT Datasheet
139Kb / 2P
Super Fast Recovery Diode, 300A
MBR30045CT NAINA-MBR30045CT Datasheet
137Kb / 2P
Silicon Schottky Diode, 300A
logo
Fairchild Semiconductor
PCRKA30065F8 FAIRCHILD-PCRKA30065F8 Datasheet
206Kb / 4P
650V / 300A Extremefast Diode
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
logo
MacMic
MMD300S160U MACMIC-MMD300S160U Datasheet
198Kb / 3P
300A Rectifier Diode Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com