Electronic Components Datasheet Search
  English  ▼

X  

AD9100AD Datasheet(PDF) 10 Page - Analog Devices

Part # AD9100AD
Description  Ultrahigh Speed Monolithic Track-and-Hold
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9100AD Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9100AD Datasheet HTML 4Page - Analog Devices AD9100AD Datasheet HTML 5Page - Analog Devices AD9100AD Datasheet HTML 6Page - Analog Devices AD9100AD Datasheet HTML 7Page - Analog Devices AD9100AD Datasheet HTML 8Page - Analog Devices AD9100AD Datasheet HTML 9Page - Analog Devices AD9100AD Datasheet HTML 10Page - Analog Devices AD9100AD Datasheet HTML 11Page - Analog Devices AD9100AD Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD9100
REV. B
–10–
TIME – ns
0.025%
0.1%
0.025%
0.1%
10
040
30
20
CHOLD VOLTAGE
TRACK COMMAND
(NOT TO SCALE)
2V INPUT STEP
100
LOAD
MEASUREMENT
POINT
INPUT
BUFFER
VIN
CHOLD
+1V
–1V
REFERENCE
Figure 21. Acquisition Time
TIME – ns
0.025%
0.1%
0.025%
0.1%
10
040
30
20
TRACK COMMAND
(NOT TO SCALE)
2V INPUT STEP
100
LOAD
REFERENCE
OUTPUT
BUFFER
+1V
–1V
VOUT
RHOLD
MEASUREMENT
POINT
CHOLD
VOUT
Figure 22. Output Acquisition Time
9
7
6
58
4
3
2
0
120
60
100
80
20
40
VOUT = 2V p-p
RLOAD = 250
ENCODE = 30 MSPS
tTRACK = 20ns
tTRACK = 13.5ns
Figure 23. Frequency (500 kHz/Division) Analog Input =
540 kHz
95
8
47
6
3
2
0
120
60
100
80
20
40
VOUT = 2V p-p
RLOAD = 250
ENCODE = 30 MSPS
tTRACK = 20ns
tHOLD = 13.5ns
ALL HARMONICS
ARE ALIASED
Figure 24. Frequency (500 kHz/Division) Analog Input =
2.3 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com