Electronic Components Datasheet Search
  English  ▼

X  

AD9101AR Datasheet(PDF) 7 Page - Analog Devices

Part # AD9101AR
Description  125 MSPS Monolithic Sampling Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9101AR Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9101AR Datasheet HTML 3Page - Analog Devices AD9101AR Datasheet HTML 4Page - Analog Devices AD9101AR Datasheet HTML 5Page - Analog Devices AD9101AR Datasheet HTML 6Page - Analog Devices AD9101AR Datasheet HTML 7Page - Analog Devices AD9101AR Datasheet HTML 8Page - Analog Devices AD9101AR Datasheet HTML 9Page - Analog Devices AD9101AR Datasheet HTML 10Page - Analog Devices AD9101AR Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD9101
–7–
REV. 0
provides a good example. It operates on a single negative supply
with the input range from 0 V to –2 V. By connecting Pins 1
and 2 (RTN) to a +0.33 V level, rather than its usual ground
connection, a bipolar
±0.25 V input is shifted to 0 V to –2 V at
the AD9101’s output (see Figure 3 in the Applications section.)
APPLICATIONS
Because of its rapid acquisition and low distortion, the AD9101
is useful in a wide range of signal processing.
Choosing Between the AD9100 and AD9101
The first obvious difference between the AD9100 and AD9101
is sample rate. Simplistically, any high resolution system (12–16
bits) operating below 25 MSPS will use the AD9100 and 8–12
bit systems operating above 25 MSPS will use the AD9101.
There are, however, some subtle characteristics of these high
performance track-and-hold amplifiers that create some excep-
tions to these guidelines. The typical curve entitled “Dynamic
Range vs. Analog Frequency” should be considered when
choosing between these two high performance track-and-holds.
When speed is critical, the AD9101 should receive strong con-
sideration, even in high resolution systems. Using a reduced sig-
nal amplitude through the AD9100 greatly reduces slew limiting
effects and should also be considered when converting high fre-
quency (up to 70 MHz) analog signals with encode rates below
25 MSPS.
Sampler for Flash ADC
Flash ADCs typically suffer degradation of dynamic range as
signal frequency increases. The AD9101 was designed specifi-
cally for the purpose of boosting this performance and allowing
users to obtain maximum performance with flash ADCs. Figure
3 shows the block diagram and timing relationship for an 8-bit,
125 MSPS converter.
CLOCK 1
CLOCK 2
+
–
1k
3k
1k
0.33V
0.1µF
+5V
AD9002
40
Ω
AD9101
AC
RTN
HOLD
3.5 ns
4.5 ns
HOLD
TRACK
HOLD
TRACK
HOLD
3.5 ns
4.5 ns
3.5 ns
CLOCK 2
(AD9002)
TRACK
TRACK
HOLD
TRACK
3.6 ns
4.4 ns
3.6 ns
44 ns
3.6 ns
CLOCK 1
(AD9101)
1.6 ns
Figure 3. AD9101 with 8-Bit, 125 MSPS Flash
Figure 4 contrasts performance of the flash converter alone vs.
the circuit of Figure 3.
Figures 5 and 6 show the block diagrams and dynamic range
improvement when the AD9101 is used ahead of an 10-bit, 75
MSPS flash converter. The AD9630 is not required if the input
frequency is limited to 40 MHz.
–70
–50
–30
1
10
100
–45
–40
–35
–55
–60
–65
MHz
WITH AD9101
ENCODE = 125 MSPS
WORST HARMONIC
SNR W/HARMONICS
WITH AD9101
Figure 4. AD9002 Dynamic Range With and Without
AD9101
8 ns
8.5 ns
8 ns
8.5 ns
8.5 ns
"TRACK"
"HOLD"
"TRACK"
"HOLD"
"TRACK"
CLOCK 1
8.25 ns
8.25 ns
8.25 ns
8.25 ns
8.25 ns
"HOLD"
"TRACK"
"HOLD"
"TRACK"
"HOLD"
CLOCK 2
AD9101
AD9630
AD9060
27
Ω
CLOCK 1
CLOCK 2
2.5 ns
Figure 5. AD9101 with 10-Bit, 75 MSPS ADC
–70
–50
–30
1
10
100
–45
–40
–35
–55
–60
–65
WITH AD9101
MHz
ENCODE = 60 MSPS
WITH AD9101
WORST
HARMONIC
SNR W/
HARMONICS
Figure 6. AD9060 Dynamic Performance With and With-
out AD9101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com