Electronic Components Datasheet Search
  English  ▼

X  

AD9060TZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD9060TZ
Description  10-Bit 75 MSPS A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9060TZ Datasheet(HTML) 5 Page - Analog Devices

  AD9060TZ Datasheet HTML 1Page - Analog Devices AD9060TZ Datasheet HTML 2Page - Analog Devices AD9060TZ Datasheet HTML 3Page - Analog Devices AD9060TZ Datasheet HTML 4Page - Analog Devices AD9060TZ Datasheet HTML 5Page - Analog Devices AD9060TZ Datasheet HTML 6Page - Analog Devices AD9060TZ Datasheet HTML 7Page - Analog Devices AD9060TZ Datasheet HTML 8Page - Analog Devices AD9060TZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD9060
–5–
REV. A
AD9060 PIN DESCRIPTIONS
Pin No.
Name
Function
1
1/2REF
Midpoint of internal reference ladder.
2, 16, 28, 29, 35,
–VS
Negative supply voltage; nominally –5.2 V
± 5%.
41, 42, 54, 64
3, 6, 15, 30, 33, 34,
+VS
Positive supply voltage; nominally +5 V
± 5%.
37, 40, 65, 68
4, 5, 17, 18, 25, 27,
GROUND
All ground pins should be connected together and to low-
31, 32, 36, 38, 39, 43,
impedance ground plane.
45, 52, 53, 66, 67
7
3/4REF
Three-quarter point of internal reference ladder.
8, 9
ANALOG IN
Analog input; nominally between
±1.75 V.
11
+VSENSE
Voltage sense line to most positive point on internal resistor
ladder. Normally +1.75 V.
12
+VREF
Voltage force connection for top of internal reference ladder.
Normally driven to provide +1.75 V at +VSENSE.
13
ENCODE
Differential ECL convert signal that starts digitizing process.
14
ENCODE
ECL-compatible convert command used to begin digitizing process.
19–23, 46–50
D0–D9
ECL-compatible digital output data.
51
OVERFLOW
ECL-compatible output indicating ANALOG IN > +VSENSE.
56
–VREF
Voltage force connection for bottom of internal reference
ladder. Normally driven to provide –1.75 V at –VSENSE.
57
–VSENSE
Voltage sense line to most negative point on internal
resistor ladder. Normally –1.75 V.
59
LSBs INVERT
Normally grounded. When connected to +VS, lower order
bits (D0–D8) are inverted. Not ECL-compatible.
61
MSB INVERT
Normally grounded. When connected to +VS, most
significant bit (MSB; D9) is inverted. Not ECL-compatible.
63
1/4REF
One-quarter point of internal reference ladder.
60
9
10
61
44
43
27
26
AD9060
TOP VIEW
(Not to scale)
NC
ENCODE
GND
(LSB) D
0
D
4
NC
NC
NC
LSBs INVERT
NC
GND
OVERFLOW
D
9 (MSB)
NC
ENCODE
GND
GND
GND
GND
NC
D
2
D
1
D
3
D
6
D
8
D
5
D
7
+V
SENSE
–V
SENSE
+V
REF
–V
REF
–V
S
+V
S
–V
S
AD9060 Pin Designations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com