Electronic Components Datasheet Search
  English  ▼

X  

AD9100SD Datasheet(PDF) 9 Page - Analog Devices

Part # AD9100SD
Description  Ultrahigh Speed Monolithic Track-and-Hold
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9100SD Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9100SD Datasheet HTML 4Page - Analog Devices AD9100SD Datasheet HTML 5Page - Analog Devices AD9100SD Datasheet HTML 6Page - Analog Devices AD9100SD Datasheet HTML 7Page - Analog Devices AD9100SD Datasheet HTML 8Page - Analog Devices AD9100SD Datasheet HTML 9Page - Analog Devices AD9100SD Datasheet HTML 10Page - Analog Devices AD9100SD Datasheet HTML 11Page - Analog Devices AD9100SD Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD9100
REV. B
–9–
In the FFT spectrum below (see Figure 19), the 71.4 MHz IF is
observed at 1.4 MHz. Note that the highest frequency observed
(FS/2) is determined by the sample rate of the T/H.
0
–100
5.0
–80
DC
–40
–60
–20
4.0
3.0
2.0
1.0
FREQUENCY – MHz
78
6
8
2
5
3
4
Figure 19. 71.4 MHz Signal Sampled at 10 MSPS with
200 mV p-p Input
Low Noise Applications
When processing low level single event signals in which noise
performance is the primary concern, amplification ahead of the
AD9100 can increase overall system signal to noise ratio. Front-
end amplification often results in an increase in hold mode
distortion levels because of the track mode limitations of the
amplifier which is used. Depending on the signal levels and
bandwidth, the AD9618 low noise high gain amplifier is a pos-
sible candidate for this application. See Figure 20.
As a general rule, if the goal is maximize SNR (minimize noise),
pre-AD9100 amplification is recommended. When the system
goal is to maximize the spurious free dynamic range (minimize
distortion), post-AD9100 amplification is recommended.
AD9618
LOW
LEVEL
SOURCE
TO
ENCODER
AD9100
Figure 20. Using AD9618 as Pre-Amp for AD9100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com