Electronic Components Datasheet Search
  English  ▼

X  

BAV199 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAV199
Description  Dual Series Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAV199 Datasheet(HTML) 1 Page - Micro Commercial Components

  BAV199_13 Datasheet HTML 1Page - Micro Commercial Components BAV199_13 Datasheet HTML 2Page - Micro Commercial Components BAV199_13 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAV199
Dual Series
Switching Diode
SOT-23
Suggested Solder
Pad Layout
Features
•
Low Current Leakage
•
Forward Current:IF=215mA.
•
Small Outline Surface Mount Package
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
Maximum Ratings
•
Operating Temperature Range: -55
°C to +150°C
•
Storage Temperature Range: -55
°C to +150°C
A
B
C
D
E
F
G
H
J
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision: B
2013/01/01
TM
Micro Commercial Components
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
VF
Forward Voltage
IF=1.0mA
IF=10mA
IF=50mA
IF=150mA
---
---
---
---
---
---
---
---
0.90
1.25
V
IR
(VR=75V)
---
---
5.0
nA
Cj
Junction Capacitance
(VR=0, f=1.0MHz)
---
---
2.0
pF
trr
---
---
3.0
us
1.10
1.00
Reverse recovery time
leakage current
Marking:JY
www.mccsemi.com
1 of 3
V(BR)R
Reverse Breakdown Voltage
(IR=100
­A)
70
---
---
V
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Lead Free Finish/Rohs Compliant ("P"Suffix designates
RoHS Compliant. See ordering information)
B
.083
.104
2.10
2.64
•
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - BAV199_13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV199-13-F DIODES-BAV199-13-F Datasheet
85Kb / 4P
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
Rev 9
logo
Galaxy Semi-Conductor H...
BAV199 BILIN-BAV199_13 Datasheet
148Kb / 3P
Dual surface mount low leakage diode
More results

Similar Description - BAV199_13

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BAV99LT1 LRC-BAV99LT1 Datasheet
54Kb / 2P
Dual Series Switching Diode
LBAV99LT1 LRC-LBAV99LT1 Datasheet
109Kb / 3P
Dual Series Switching Diode
logo
Micro Commercial Compon...
BAV199 MCC-BAV199 Datasheet
173Kb / 3P
Dual Series Switching Diode
logo
WILLAS ELECTRONIC CORP
BAV99 WILLAS-BAV99 Datasheet
418Kb / 3P
Dual Series Switching Diode
logo
Shenzhen Luguang Electr...
BAV99 LUGUANG-BAV99 Datasheet
218Kb / 3P
Dual Series Switching Diode
logo
Leshan Radio Company
LBAV99LT1G LRC-LBAV99LT1G_15 Datasheet
95Kb / 4P
Dual Series Switching Diode
logo
CHENG-YI ELECTRONIC CO....
BAV99W-WS CHENG-YI-BAV99W-WS Datasheet
281Kb / 4P
DUAL SERIES SWITCHING DIODE
logo
ON Semiconductor
BAV199L ONSEMI-BAV199L Datasheet
85Kb / 4P
Dual Series Switching Diode
October, 2016 ??Rev. 10
logo
Galaxy Semi-Conductor H...
BAV99 BILIN-BAV99_15 Datasheet
163Kb / 3P
Dual series switching diode
logo
Shenzhen Luguang Electr...
BAV99 LUGUANG-BAV99_V01 Datasheet
769Kb / 3P
Dual Series Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com