Electronic Components Datasheet Search
  English  ▼

X  

AD9224ARS Datasheet(PDF) 17 Page - Analog Devices

Part # AD9224ARS
Description  Complete 12-Bit 40 MSPS Monolithic A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9224ARS Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9224ARS Datasheet HTML 13Page - Analog Devices AD9224ARS Datasheet HTML 14Page - Analog Devices AD9224ARS Datasheet HTML 15Page - Analog Devices AD9224ARS Datasheet HTML 16Page - Analog Devices AD9224ARS Datasheet HTML 17Page - Analog Devices AD9224ARS Datasheet HTML 18Page - Analog Devices AD9224ARS Datasheet HTML 19Page - Analog Devices AD9224ARS Datasheet HTML 20Page - Analog Devices AD9224ARS Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AD9224
–17–
REV. A
Resistor Programmable Reference
Figure 28 shows an example of how to generate a reference
voltage other than 1.0 V or 2.0 V with the addition of two exter-
nal resistors and a bypass capacitor. Use the equation,
VREF = 1 V
× (1 + R1/R2),
to determine appropriate values for R1 and R2. These resistors
should be in the 2 k
Ω to 100 kΩ range. For the example shown,
R1 equals 2.5 k
Ω and R2 equals 5 kΩ. From the equation
above, the resultant reference voltage on the VREF pin is 1.5 V.
This sets the input span to be 3 V p-p. To assure stability, place
a 0.1
µF ceramic capacitor in parallel with R1.
1.5V
C1
0.1 F
10 F
VINA
VINB
VREF
SENSE
REFCOM
AD9224
4V
1V
2.5V
R1
2.5k
R2
5k
0.1 F
Figure 28. Resistor Programmable Reference—3 V p-p
Input Span, VCM = 2.5 V
The midscale voltage can be set to VREF by connecting VINB
to VREF to provide an input span of 0 to 2
× VREF. Alterna-
tively, the midscale voltage can be set to 2.5 V by connecting
VINB to a low impedance 2.5 V source. For the example shown,
the valid input single-ended range for VINA is 1 V to 4 V since
VINB is set to an external, low impedance 2.5 V source. The
VREF pin should be bypassed to the REFCOM pin with a
10
µF tantalum capacitor in parallel with a low inductance
0.1
µF ceramic capacitor.
USING AN EXTERNAL REFERENCE
Using an external reference may enhance the dc performance
of the AD9224 by improving drift and accuracy. Figures 29 and
30 show examples of how to use an external reference with the
A/D. Table III is a list of suitable voltage references from Ana-
log Devices. To use an external reference, the user must disable
the internal reference amplifier and drive the VREF pin.
Connecting the SENSE pin to AVDD disables the internal
reference amplifier.
Table III. Suitable Voltage References
Initial
Output
Drift
Accuracy
Operating
Voltage
(ppm/ C)
% (max)
Current
Internal
1.00
26
1.4
1 mA
AD589
1.235
10–100
1.2–2.8
50
µA
AD1580
1.225
50–100
0.08–0.8
50
µA
REF191
2.048
5–25
0.1–0.5
45
µA
Internal
2.0
26
1.4
1 mA
The AD9224 contains an internal reference buffer, A2 (see
Figure 16), that simplifies the drive requirements of an external
reference. The external reference must be able to drive about
5 k
Ω (±20%) load. Note that the bandwidth of the reference
buffer is deliberately left small to minimize the reference noise
contribution. As a result, it is not possible to change the refer-
ence voltage rapidly in this mode.
2.5V+VREF
2.5V–VREF
2.5V
+5V
0.1 F
22 F
VINA
VINB
VREF
SENSE
AD9224
+5V
R2
0.1 F
A1
R1
0.1 F
2.5V
REF
Figure 29. External Reference
Variable Input Span with VCM = 2.5 V
Figure 29 shows an example of the AD9224 configured for an
input span of 2
× VREF centered at 2.5 V. An external 2.5 V
reference drives the VINB pin thus setting the common-mode
voltage at 2.5 V. The input span can be independently set by a
voltage divider consisting of R1 and R2 which generates the
VREF signal. A1 buffers this resistor network and drives
VREF. Choose this op amp based on accuracy requirements. It
is essential that a minimum of a 10
µF capacitor in parallel with
a 0.1
µF low inductance ceramic capacitor decouple the A1’s
output to ground.
Single-Ended Input with 0 to 2
VREF Range
Figure 30 shows an example of an external reference driving
both VINB and VREF. In this case, both the common-mode
voltage and input span are directly dependent on the value of
VREF. More specifically, the common-mode voltage is equal to
VREF while the input span is equal to 2
× VREF. Thus, the
valid input range extends from 0 to 2
× VREF. For example, if
the REF191, a 2.048 V external reference was selected, the
valid input range extends from 0 to 4.096 V. In this case, 1 LSB
of the AD9224 corresponds to 1 mV. It is essential that a mini-
mum of a 10
µF capacitor in parallel with a 0.1 µF low inductance
ceramic capacitor decouple the reference output to ground.
2
REF
0V
+5V
10 F
VINA
VINB
VREF
SENSE
AD9224
+5V
0.1 F
VREF
0.1 F
0.1 F
Figure 30. Input Range = 0 V to 2
× VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com