Electronic Components Datasheet Search
  English  ▼

X  

AD9225 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9225
Description  Complete 12-Bit, 25 MSPS Monolithic A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9225 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9225 Datasheet HTML 14Page - Analog Devices AD9225 Datasheet HTML 15Page - Analog Devices AD9225 Datasheet HTML 16Page - Analog Devices AD9225 Datasheet HTML 17Page - Analog Devices AD9225 Datasheet HTML 18Page - Analog Devices AD9225 Datasheet HTML 19Page - Analog Devices AD9225 Datasheet HTML 20Page - Analog Devices AD9225 Datasheet HTML 21Page - Analog Devices AD9225 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD9225
–18–
REV. A
Table V. Out-of-Range Truth Table
OTR
MSB
Analog Input Is
0
0
In Range
0
1
In Range
1
0
Underrange
1
1
Overrange
OVER = “1”
UNDER = “1”
MSB
OTR
MSB
Figure 32. Overrange or Underrange Logic
Digital Output Driver Considerations (DRVDD)
The AD9225 output drivers can be configured to interface with
+5 V or 3.3 V logic families by setting DRVDD to +5 V or 3.3 V
respectively. The output drivers are sized to provide sufficient
output current to drive a wide variety of logic families. However,
large drive currents tend to cause glitches on the supplies and
may affect SINAD performance. Applications requiring the
ADC to drive large capacitive loads or large fanout may require
additional decoupling capacitors on DRVDD. In extreme cases,
external buffers or latches may be required.
Clock Input and Considerations
The AD9225 internal timing uses the two edges of the clock
input to generate a variety of internal timing signals. The clock
input must meet or exceed the minimum specified pulsewidth
high and low (tCH and tCL) specifications for the given A/D as
defined in the Switching Specifications at the beginning of the
data sheet to meet the rated performance specifications. For
example, the clock input to the AD9225 operating at 25 MSPS
may have a duty cycle between 45% to 55% to meet this timing
requirement since the minimum specified tCH and tCL is 18 ns.
For low clock rates, the duty cycle may deviate from this range
to the extent that both tCH and tCL are satisfied.
All high speed high resolution A/Ds are sensitive to the quality
of the clock input. The degradation in SNR at a given full-scale
input frequency (fIN) due to only aperture jitter (tA) can be cal-
culated with the following equation:
SNR
= 20 log
10
1
2
π f
IN t A
In the equation, the rms aperture jitter, tA, represents the root-
sum square of all the jitter sources which include the clock in-
put, analog input signal, and A/D aperture jitter specification.
Undersampling applications are particularly sensitive to jitter.
Clock input should be treated as an analog signal in cases where
aperture jitter may affect the dynamic range of the AD9225.
Power supplies for clock drivers should be separated from the
A/D output driver supplies to avoid modulating the clock signal
with digital noise. Low jitter crystal controlled oscillators make
the best clock sources. If the clock is generated from another
type of source (by gating, dividing, or other method), it should
be retimed by the original clock at the last step.
The clock input is referred to as the analog supply. Its logic
threshold is AVDD/2. If the clock is being generated by 3 V
logic, it will have to be level shifted into 5 V CMOS logic levels.
This can also be accomplished by ac-coupling and level-shifting
the clock signal.
The AD9225 has a clock tolerance of 5% at 25 MHz. One way
to obtain a 50% duty cycle clock is to divide down a clock of
higher frequency, as shown in Figure 33. This configuration will
also decrease the jitter of the source clock.
+5V
R
D
Q
Q
S
+5V
50MHz
25MHz
Figure 33. Divide-by-Two Clock Circuit
In this case a 50 MHz clock is divided by two to produce the
25 MHz clock input for the AD9225. In this configuration, the
duty cycle of the 50 MHz clock is irrelevant.
The input circuitry for the CLOCK pin is designed to accom-
modate CMOS inputs. The quality of the logic input, particu-
larly the rising edge, is critical in realizing the best possible jitter
performance of the part: the faster the rising edge, the better the
jitter performance.
As a result, careful selection of the logic family for the clock
driver, as well as the fanout and capacitive load on the clock
line, is important. Jitter-induced errors become more predomi-
nant at higher frequency, large amplitude inputs, where the
input slew rate is greatest.
Most of the power dissipated by the AD9225 is from the analog
power supplies. However, lower clock speeds will reduce digital
current. Figure 34 shows the relationship between power and
clock rate.
SAMPLE RATE
380
360
340
320
300
035
5
10
15
280
260
240
220
200
180
30
20
25
2V
INTERNAL
REFERENCE
1V
INTERNAL
REFERENCE
Figure 34. Power Consumption vs. Clock Rate
Direct IF Down Conversion Using the AD9225
Sampling IF signals above an ADC’s baseband region (i.e., dc
to FS/2) is becoming increasingly popular in communication
applications. This process is often referred to as Direct IF Down
Conversion or Undersampling. There are several potential ben-
efits in using the ADC to alias (i.e., or mix) down a narrowband
or wideband IF signal. First and foremost is the elimination of a
complete mixer stage with its associated baseband amplifiers
and filters, reducing cost and power dissipation. Second is the
ability to apply various DSP techniques to perform such func-
tions as filtering, channel selection, quadrature demodulation,
data reduction, detection, etc. A detailed discussion on using



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com