Electronic Components Datasheet Search
  English  ▼

X  

AD9226 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9226
Description  Complete 12-Bit, 65 MSPS ADC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9226 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9226 Datasheet HTML 9Page - Analog Devices AD9226 Datasheet HTML 10Page - Analog Devices AD9226 Datasheet HTML 11Page - Analog Devices AD9226 Datasheet HTML 12Page - Analog Devices AD9226 Datasheet HTML 13Page - Analog Devices AD9226 Datasheet HTML 14Page - Analog Devices AD9226 Datasheet HTML 15Page - Analog Devices AD9226 Datasheet HTML 16Page - Analog Devices AD9226 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
REV. 0
AD9226
–13–
FREQUENCY – MHz
0
–80
–60
–40
–20
0
25
515
20
–90
–70
–50
–30
–10
10
30
–120
–100
–110
fIN = 190.82MHz
fSAMPLE = 61.44MSPS
TPC 25. Single-Tone 8K FFT at IF = 190 MHz–WCDMA
(fIN = 190.82 MHz, fSAMPLE = 61.44 MSPS)
FREQUENCY – MHz
0
–80
–60
–40
–20
024
4
12
16
20
–90
–70
–50
–30
–10
8
28
32
–120
–100
–110
SNR = 65.1dBFS
SFDR = 59dBFS
NOISE FLOOR = 140.2dBFS/Hz
TPC 26. Dual-Tone 8K FFT with fIN–1 = 239.1 MHz and
fIN–2 = 240.7 MHz
FREQUENCY – MHz
1
1000
100
10
–95
–85
–75
–65
–55
–45
–35
INPUT SPAN = 2V p–p
INPUT SPAN = 1V p–p
TPC 27. CMRR vs. Frequency (AIN = –0 dBFS and
CML = 2.5 V)
AIN – dBFS
–24
–21
60
65
70
90
75
80
85
–18
–15
–12
–9
–6
135.1
140.1
145.1
165.1
150.1
155.1
160.1
SNR/NOISE FLOOR – 1V SPAN
SFDR – 2V SPAN
SNR/NOISE FLOOR – 2V SPAN
SFDR – 1V SPAN
TPC 28. Single-Tone SNR and SFDR vs. AIN at IF = 190 MHz
–WCDMA (fIN–1 = 190.8 MHz, fSAMPLE = 61.44 MSPS)
AIN – dBFS
–24
–21
55
60
65
85
70
75
80
–18
–15
–12
–9
–6
130.1
135.1
140.1
160.1
145.1
150.1
155.1
SNR/NOISE FLOOR – 1V SPAN
SFDR – 2V SPAN
SNR/NOISE FLOOR – 2V SPAN
SFDR – 1V SPAN
TPC 29. Dual-Tone SNR and SFDR with fIN–1 = 239.1 MHz
and fIN–2 = 240.7 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com