Electronic Components Datasheet Search
  English  ▼

X  

AOY514 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOY514
Description  30V N-Channel AlphaMOS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOY514 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOY514 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOY514 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOY514 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOY514 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOY514 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOY514 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Symbol
Min
Typ
Max
Units
BVDSS
30
V
VDS=30V, VGS=0V
1
TJ=55°C
5
IGSS
100
nA
VGS(th)
Gate Threshold Voltage
1.6
2
2.4
V
4.3
5.9
TJ=125°C
5.4
7.5
8.5
11.9
m
Ω
gFS
91
S
VSD
0.7
1
V
IS
46
A
Ciss
1187
pF
Coss
483
pF
Crss
60
pF
Rg
0.7
1.5
2.3
Ω
Qg(10V)
18
nC
Qg(4.5V)
8.8
nC
Qgs
4.1
nC
Qgd
3.6
nC
tD(on)
7.3
ns
tr
10.5
ns
tD(off)
21.8
ns
tf
5
ns
trr
14.7
ns
Qrr
24
nC
VDS=0V, VGS= ±20V
Maximum Body-Diode Continuous Current
G
Input Capacitance
Output Capacitance
Forward Transconductance
IS=1A,VGS=0V
VDS=5V, ID=20A
DYNAMIC PARAMETERS
VGS=4.5V, ID=20A
RDS(ON)
Static Drain-Source On-Resistance
Diode Forward Voltage
m
Ω
VGS=10V, ID=20A
Gate-Body leakage current
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
IDSS
µA
Zero Gate Voltage Drain Current
Drain-Source Breakdown Voltage
ID=250µA, VGS=0V
Gate Source Charge
Gate Drain Charge
Total Gate Charge
SWITCHING PARAMETERS
VGS=10V, VDS=15V, ID=20A
Reverse Transfer Capacitance
VGS=0V, VDS=15V, f=1MHz
VDS=VGS,ID=250µA
Body Diode Reverse Recovery Charge
Body Diode Reverse Recovery Time
IF=20A, dI/dt=500A/µs
Turn-On Rise Time
Turn-Off DelayTime
VGS=10V, VDS=15V, RL=0.75Ω,
RGEN=3Ω
Turn-Off Fall Time
Turn-On DelayTime
IF=20A, dI/dt=500A/µs
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Total Gate Charge
A. The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
A. The value of RθJA is measured with the device mounted on 1in FR-4 board with 2oz. Copper, in a still air environment with TA =25°C. The
Power dissipation PDSM is based on R θJA and the maximum allowed junction temperature of 150°C. The value in any given application depends
on the user's specific board design, and the maximum temperature of 175°C may be used if the PCB allows it.
B. The power dissipation PD is based on TJ(MAX)=175°C, using junction-to-case thermal resistance, and is more useful in setting the upper
dissipation limit for cases where additional heatsinking is used.
C. Single pulse width limited by junction temperature TJ(MAX)=175°C.
D. The RθJA is the sum of the thermal impedance from junction to case RθJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedance which is measured with the device mounted to a large heatsink, assuming
a maximum junction temperature of TJ(MAX)=175°C. The SOA curve provides a single pulse rating.
G. The maximum current rating is package limited.
H. These tests are performed with the device mounted on 1 in2 FR-4 board with 2oz. Copper, in a still air environment with TA=25°C.
Rev 5: Nov 2012
www.aosmd.com
Page 2 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com