Electronic Components Datasheet Search
  English  ▼

X  

HER151 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # HER151
Description  1.5 Amp High Efficient Rectifiers 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

HER151 Datasheet(HTML) 1 Page - Micro Commercial Components

  HER151_13 Datasheet HTML 1Page - Micro Commercial Components HER151_13 Datasheet HTML 2Page - Micro Commercial Components HER151_13 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HER151
THRU
HER158
1.5 Amp High
Efficient Rectifiers
50 to 1000 Volts
Features
•
High Surge Current Capability
•
Operating Temperature: -55
°C to +125°C
•
Storage Temperature: -55
°C to +150°C
•
For capacitive load, derate current by 20%
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
HER151
50V
35V
50V
HER152
100V
70V
100V
HER153
200V
140V
200V
HER154
300V
210V
300V
HER155
400V
280V
400V
HER156
600V
420V
600V
HER157
800V
560V
800V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.5 A
TA = 55
°C
Peak Forward Surge
Current
IFSM
50A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
HER151-154
HER155
VF
1.0V
1.3V
IFM = 1.5A*;
TA = 25
°C
Reverse Current At
Rated DC Blocking
Voltage (Maximum DC)
IR
5.0
µA
100
µA
TA = 25
°C
TA = 100
°C
Maximum Reverse
Recovery Time
HER151-155
HER156-158
Trr
50ns
75ns
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
HER151-155
HER156-158
CJ
50pF
30pF
Measured at
1.0MHz, VR=4.0V
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 1%
DO-15
HER156-158
1.7V
HER158
1000V
700V
1000V
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.230
.300
5.8
7.6
B
.104
.140
2.6
3.6
C
.028
.034
0.71
0.86
D
1.000
---
25.40
---
A
B
C
D
D
Cathode
Mark
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
B
20
13/01/01
TM
Micro Commercial Components
HER151
HER158
HER157
HER156
HER155
HER154
HER153
HER152
www.mccsemi.com
1 of 3
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
Maximum Ratings
•
Low Forward Voltage Drop
•
High Reliability
Compliant. See ordering information)
•
Moisture Sensitivity Level 1
•
Epoxy meets UL 94 V-0 flammability rating
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
•
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - HER151_13

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HER151 TSC-HER151_13 Datasheet
426Kb / 4P
1.5AMPS. High Efficient Rectifiers High efficiency, Low VF
More results

Similar Description - HER151_13

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
HER101 MCC-HER101 Datasheet
368Kb / 2P
1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER151 MCC-HER151 Datasheet
238Kb / 2P
1.5 Amp High Efficient Rectifiers 50 to 1000 Volts
ER3A-HT MCC-ER3A-HT_11 Datasheet
242Kb / 3P
3.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER101 MCC-HER101_11 Datasheet
725Kb / 3P
1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER151 MCC-HER151_11 Datasheet
238Kb / 3P
1.5 Amp High Efficient Rectifiers 50 to 1000 Volts
HER501 MCC-HER501_11 Datasheet
536Kb / 3P
5.0 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
HER301 YFWDIODE-HER301 Datasheet
85Kb / 2P
3.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER501 YFWDIODE-HER501 Datasheet
102Kb / 2P
5.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER501-DO-27 YFWDIODE-HER501-DO-27 Datasheet
326Kb / 2P
5.0 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
Micro Commercial Compon...
HER101 MCC-HER101_13 Datasheet
743Kb / 3P
1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com