Electronic Components Datasheet Search
  English  ▼

X  

FFM101-M Datasheet(PDF) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # FFM101-M
Description  Fast recovery type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

FFM101-M Datasheet(HTML) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

  FFM101-M Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. FFM101-M Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FFM101-M THRU FFM107-M
Fast recovery type
Features
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O Utilizing Flame
Retardant Epoxy Molding Compound.
For surface mounted applications.
Exceeds environmental standards of MIL-S-19500 /
228
Low leakage current.
Mechanical data
Case : Molded plastic, JEDECSOD123 / MINI SMA
Terminals : Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity : Indicated by c athode band
Mounting Position : Any
Weight : 0.04 gram
(V)
(V)
(V)
(V)
(nS)
(
o C)
FFM101-M
F1
50
35
50
FFM102-M
F2
100
70
100
FFM103-M
F3
200
140
200
FFM104-M
F4
400
280
400
FFM105-M
F5
600
420
600
250
FFM106-M
F6
800
560
800
FFM107-M
F7
1000
700
1000
-55 to +150
Operating
temperature
V RRM
*1
V RMS
*2
V R
*3
V F
*4
T RR
*5
500
150
SYMBOLS
MARKING
CODE
1.3
MAXIMUM RATINGS (AT TA=25
oC unless otherwise noted)
PARAMETER
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
Forward rectified current
Ambient temperature = 55
oC
IO
1.0
A
Forward surge current
8.3ms single half sine-wave superimposed on
rate load (JEDEC methode)
IFSM
30
A
VR = VRRM TA =
25
oC
5.0
uA
VR = VRRM TA = 100
oC
100
uA
Thermal resistance
Junction to ambient
R
qJA
42
oC / w
Diode junction capacitance
f=1MHz and applied 4vDC reverse voltage
CJ
15
pF
Storage temperature
TSTG
-55
+150
oC
Reverse current
IR
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage
*5 Reverse recovery time
0.161(4.1)
0.146(3.7)
0.012(0.3) Typ.
0.071(1.8)
0.055(1.4)
0.110(2.8)
0.094(2.4)
0.063(1.6)
0.055(1.4)
0.035(0.9) Typ.
0.035(0.9) Typ.
Dimensions in inches and (millimeters)
SOD-123
GAOMI XINGHE ELECTRONICSCO.,LTD.    WWW.SDDZG.COM     TEL:0536-2210359       QQ:464768017
1
XINGHE ELECTRONICS
星合电子


Similar Part No. - FFM101-M

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FFM101-M FORMOSA-FFM101-M Datasheet
69Kb / 2P
Fast recovery type
FFM101-M FORMOSA-FFM101-M Datasheet
101Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
PACELEADER INDUSTRIAL
FFM101-M PACELEADER-FFM101-M Datasheet
210Kb / 2P
FAST SWITCHING SURFACE MOUNT RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
FFM101-M WINNERJOIN-FFM101-M Datasheet
150Kb / 2P
Fast recovery type
logo
DIYI Electronic Technol...
FFM101-M DYELEC-FFM101-M Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
More results

Similar Description - FFM101-M

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FFM101-M FORMOSA-FFM101-M Datasheet
69Kb / 2P
Fast recovery type
FFM101 FORMOSA-FFM101 Datasheet
68Kb / 2P
Fast recovery type
FFM201 FORMOSA-FFM201 Datasheet
69Kb / 2P
Fast recovery type
FFM301 FORMOSA-FFM301 Datasheet
69Kb / 2P
Fast recovery type
HFM101-M FORMOSA-HFM101-M Datasheet
70Kb / 2P
Ultra fast recovery type
SFM11 FORMOSA-SFM11 Datasheet
69Kb / 2P
Super fast recovery type
logo
SHENZHEN YONGERJIA INDU...
DLF101 WINNERJOIN-DLF101 Datasheet
122Kb / 2P
Fast recovery type
F31 WINNERJOIN-F31 Datasheet
90Kb / 2P
Fast recovery type
FFM101-M WINNERJOIN-FFM101-M Datasheet
150Kb / 2P
Fast recovery type
H21 WINNERJOIN-H21 Datasheet
129Kb / 2P
Ultra fast recovery type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com