Electronic Components Datasheet Search
  English  ▼

X  

SMF13CA Datasheet(PDF) 4 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # SMF13CA
Description  Maximum Clamp Voltage
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

SMF13CA Datasheet(HTML) 4 Page - Gaomi Xinghe Electronics Co., Ltd.

  SMF13CA Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. SMF13CA Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd. SMF13CA Datasheet HTML 3Page - Gaomi Xinghe Electronics Co., Ltd. SMF13CA Datasheet HTML 4Page - Gaomi Xinghe Electronics Co., Ltd. SMF13CA Datasheet HTML 5Page - Gaomi Xinghe Electronics Co., Ltd. SMF13CA Datasheet HTML 6Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
电特性
( 测量环境温度为 25℃,除非另有规定 )
击穿电压
测试电流
变位电压
最大反向漏电
流 @
VWM
最大峰值脉冲
浪涌电流
最大箝位电压
@
I ppm
V ( BR ) ( 注释 1 )
IT
VWM
ID
I ppm
VC ( 注释 2 )
V
型
号
标识
代码
Marki
ng
最小
最大
mA
V
μ
A
A
V
SMF5.0A
KE
6.4
7
10
5
400
21.7
9.2
SMF6.0A
KG
6.67
7.37
10
6
400
19.4
10.3
SMF6.5A
KK
7.22
7.98
10
6.5
250
17.9
11.2
SMF7.0A
KM
7.78
8.6
10
7
100
16.7
12
SMF7.5A
KP
8.33
9.21
1
7.5
50
15.5
12.9
SMF8.0A
KR
8.89
9.83
1
8
25
14.7
13.6
SMF8.5A
KT
9.44
10.4
1
8.5
10
13.9
14.4
SMF9.0A
KV
10
11.1
1
9
5
13.0
15.4
SMF10A
KX
11.1
12.3
1
10
2.5
11.8
17
SMF11A
KZ
12.2
13.5
1
11
2.5
11.0
18.2
SMF12A
LE
13.3
14.7
1
12
2.5
10.1
19.9
SMF13A
LG
14.4
15.9
1
13
1
9.3
21.5
SMF14A
LK
15.6
17.2
1
14
1
8.6
23.2
SMF15A
LM
16.7
18.5
1
15
1
8.2
24.4
SMF16A
LP
17.8
19.7
1
16
1
7.7
26
SMF17A
LR
18.9
20.9
1
17
1
7.2
27.6
SMF18A
LT
20
22.1
1
18
1
6.8
29.2
SMF19A
LB
21.1
23.3
1
19
1
6.54
30.6
SMF20A
LV
22.2
24.5
1
20
1
6.2
32.4
SMF22A
LX
24.4
26.9
1
22
1
5.6
35.5
SMF24A
LZ
26.7
29.5
1
24
1
5.1
38.9
SMF26A
ME
28.9
31.9
1
26
1
4.8
42.1
SMF28A
MG
31.1
34.4
1
28
1
4.4
45.4
SMF30A
MK
33.3
36.8
1
30
1
4.1
48.4
SMF33A
MM
36.7
40.6
1
33
1
3.8
53.3
SMF36A
MP
40
44.2
1
36
1
3.4
58.1
SMF40A
MR
44.4
49.1
1
40
1
3.1
64.5
SMF43A
MT
47.8
52.8
1
43
1
2.9
69.4
SMF45A
MV
50
55.3
1
45
1
2.8
72.7
SMF48A
MX
53.3
58.9
1
48
1
2.6
77.4
SMF51A
MZ
56.7
62.7
1
51
1
2.4
82.4
SMF54A
NE
60
66.3
1
54
1
2.3
87.1
GAOMI XINGHE ELECTRONICSCO.,LTD.    WWW.SDDZG.COM     TEL:0536-2210359       QQ:464768017
SMF5.0A/CA~190A/CA
XINGHE ELECTRONICS
星合电子



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com