Electronic Components Datasheet Search
  English  ▼

X  

SMF45CA Datasheet(PDF) 3 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # SMF45CA
Description  Maximum Clamp Voltage
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

SMF45CA Datasheet(HTML) 3 Page - Gaomi Xinghe Electronics Co., Ltd.

  SMF45CA Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. SMF45CA Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd. SMF45CA Datasheet HTML 3Page - Gaomi Xinghe Electronics Co., Ltd. SMF45CA Datasheet HTML 4Page - Gaomi Xinghe Electronics Co., Ltd. SMF45CA Datasheet HTML 5Page - Gaomi Xinghe Electronics Co., Ltd. SMF45CA Datasheet HTML 6Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
电特性
( 测量环境温度为 25℃,除非另有规定 )
击穿电压
测试电流
变位电压
最大反向漏电
流 @
VWM
最大峰值脉
冲
浪涌电流
最大箝位电压
@
I ppm
V ( BR ) ( 注释 1 )
IT
VWM
ID
I ppm
VC ( 注释 2 )
V
型
号
标识代
码
Marking
最小
最大
mA
V
μ
A
A
V
SMF58CA
XG
64.4
71.2
1
58
1
2.1
93.6
SMF60CA
XK
66.7
73.7
1
60
1
1.8
96.8
SMF64CA
XM
71.1
78.6
1
64
1
1.7
103
SMF70CA
XP
77.8
86
1
70
1
1.5
113
SMF75CA
XR
83.3
92.1
1
75
1
1.4
121
SMF78CA
XT
86.7
95.8
1
78
1
1.4
126
SMF80CA
XB
88.8
97.6
1
80
1
1.55
129
SMF85CA
XV
94.4
104
1
85
1
1.3
137
SMF90CA
XX
100
111
1
90
1
1.2
146
SMF100CA
XZ
111
123
1
100
1
1.1
162
SMF110CA
TE
122
135
1
110
1
1.0
177
SMF120CA
TG
133
147
1
120
1
0.9
193
SMF130CA
TK
144
159
1
130
1
0.8
209
SMF140CA
TB
155
171
1
140
1
0.89
224
SMF150CA
TM
167
185
1
150
1
0.7
243
SMF160CA
TP
178
197
1
160
1
0.7
259
SMF170CA
TR
189
209
1
170
1
0.6
275
SMF180CA
TT
200
220
1
180
1
0.68
292
SMF190CA
TV
211
232
1
190
1
0.65
308
NOTES:
1. VBR measured at pulse test current IT at ambient temperature of 25°C.
2. Surge current waveform per Figure 2 。
GAOMI XINGHE ELECTRONICSCO.,LTD.    WWW.SDDZG.COM     TEL:0536-2210359       QQ:464768017
SMF5.0A/CA~190A/CA
XINGHE ELECTRONICS
星合电子



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com