Electronic Components Datasheet Search
  English  ▼

X  

SMF60CA Datasheet(PDF) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # SMF60CA
Description  Maximum Clamp Voltage
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

SMF60CA Datasheet(HTML) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

  SMF60CA Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. SMF60CA Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd. SMF60CA Datasheet HTML 3Page - Gaomi Xinghe Electronics Co., Ltd. SMF60CA Datasheet HTML 4Page - Gaomi Xinghe Electronics Co., Ltd. SMF60CA Datasheet HTML 5Page - Gaomi Xinghe Electronics Co., Ltd. SMF60CA Datasheet HTML 6Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
电特性
( 测量环境温度为 25℃,除非另有规定 )
击穿电压
测试电流
变位电压
最大反向漏电
流 @
VWM
最大峰值脉冲
浪涌电流
最大箝位电压
@
I ppm
V ( BR ) ( 注释 1 )
IT
VWM
ID
I ppm
VC ( 注释 2 )
V
型
号
标识代
码
Marking
最小
最大
mA
V
μ
A
A
V
SMF5.0CA
FE
6.4
7
10
5
400
21.7
9.2
SMF6.0CA
FG
6.67
7.37
10
6
400
19.4
10.3
SMF6.5CA
FK
7.22
7.98
10
6.5
250
17.9
11.2
SMF7.0CA
FM
7.78
8.6
10
7
100
16.7
12
SMF7.5CA
FP
8.33
9.21
1
7.5
50
15.5
12.9
SMF8.0CA
FR
8.89
9.83
1
8
25
14.7
13.6
SMF8.5CA
FT
9.44
10.4
1
8.5
10
13.9
14.4
SMF9.0CA
FV
10
11.1
1
9
5
13.0
15.4
SMF10CA
FX
11.1
12.3
1
10
2.5
11.8
17
SMF11CA
FZ
12.2
13.5
1
11
2.5
11.0
18.2
SMF12CA
HE
13.3
14.7
1
12
2.5
10.1
19.9
SMF13CA
HG
14.4
15.9
1
13
1
9.3
21.5
SMF14CA
HK
15.6
17.2
1
14
1
8.6
23.2
SMF15CA
HM
16.7
18.5
1
15
1
8.2
24.4
SMF16CA
HP
17.8
19.7
1
16
1
7.7
26
SMF17CA
HR
18.9
20.9
1
17
1
7.2
27.6
SMF18CA
HT
20
22.1
1
18
1
6.8
29.2
SMF19CA
HB
21.1
23.3
1
19
1
6.54
30.6
SMF20CA
HV
22.2
24.5
1
20
1
6.2
32.4
SMF22CA
HX
24.4
26.9
1
22
1
5.6
35.5
SMF24CA
HZ
26.7
29.5
1
24
1
5.1
38.9
SMF26CA
JE
28.9
31.9
1
26
1
4.8
42.1
SMF28CA
JG
31.1
34.4
1
28
1
4.4
45.4
SMF30CA
JK
33.3
36.8
1
30
1
4.1
48.4
SMF33CA
JM
36.7
40.6
1
33
1
3.8
53.3
SMF36CA
JP
40
44.2
1
36
1
3.4
58.1
SMF40CA
JR
44.4
49.1
1
40
1
3.1
64.5
SMF43CA
JT
47.8
52.8
1
43
1
2.9
69.4
SMF45CA
JV
50
55.3
1
45
1
2.8
72.7
SMF48CA
JX
53.3
58.9
1
48
1
2.6
77.4
SMF51CA
JZ
56.7
62.7
1
51
1
2.4
82.4
SMF54CA
XE
60
66.3
1
54
1
2.3
87.1
GAOMI XINGHE ELECTRONICSCO.,LTD.    WWW.SDDZG.COM     TEL:0536-2210359       QQ:464768017
SMF5.0A/CA~190A/CA
XINGHE ELECTRONICS
星合电子



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com